Electronic Components Datasheet Search
  English  ▼

X  

CR02AM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CR02AM
Description  Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR02AM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CR02AM Datasheet HTML 1Page - Powerex Power Semiconductors CR02AM Datasheet HTML 2Page - Powerex Power Semiconductors CR02AM Datasheet HTML 3Page - Powerex Power Semiconductors CR02AM Datasheet HTML 4Page - Powerex Power Semiconductors CR02AM Datasheet HTML 5Page - Powerex Power Semiconductors CR02AM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
A
0.49 Min.
12.5 Min.
B
0.20 Max.
5.0 Max.
C
0.15 Max.
3.9 Max.
D
0.05
1.3
E
0.049
1.25
F
0.028 Dia.
0.7 Dia.
Description:
The Powerex CR02AM Phase
Control SCRs are planar passivat-
ed thyristors for use in low power
control and rectification. These
devices are molded silicone plastic
types.
Features:
□ Planar Passivation
□ Short Turn-on Time –
Suitable to Pulse Use
Applications:
□ Phase Control
□ Triggering of High Power
Thyristors, Pulse Generators
and Counters
□ Static Switch
□ Motor Control
□ Strobe Flasher
Ordering Information:
Example: Select the complete
seven digit part number you desire
from the table - i.e. CR02AM-8 is a
400 Volt, 0.3 Ampere Phase
Control SCR.
VDRM/VRRM
Type
Volts
Code
CR02AM
400
-8
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Lead-Mount,
Phase Control SCR
0.3 Amperes/400 Volts
CR02AM
Outline Drawing (Conforms to JEDEC TO-92)
P-1
B
A
C
D
Œ CATHODE
 ANODE
Ž GATE
E
OUTLINE DRAWING
CONNECTION DIAGRAM
E
B
Ž  Œ
Ž
Œ

CIRCUMSCRIBE
CIRCLE F - DIA.


Similar Part No. - CR02AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM MITSUBISHI-CR02AM Datasheet
77Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Suntac Electronic Corp.
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
Sensitive Gate Silicon controlled Rectifier
logo
HAOPIN MICROELECTRONICS...
CR02AM HAOPIN-CR02AM Datasheet
179Kb / 5P
Blocking voltage to 400 V
logo
Inchange Semiconductor ...
CR02AM ISC-CR02AM Datasheet
305Kb / 3P
isc Triacs
More results

Similar Description - CR02AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
Phase Control SCR 620 Amperes Avg 100-400 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
Phase Control SCR 800 Amperes Avg 100-400 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
Phase Control SCR (300-400 Amperes 1200 Volts)
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com