Electronic Components Datasheet Search
  English  ▼

X  

CR02AM Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CR02AM
Description  Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR02AM Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CR02AM Datasheet HTML 1Page - Powerex Power Semiconductors CR02AM Datasheet HTML 2Page - Powerex Power Semiconductors CR02AM Datasheet HTML 3Page - Powerex Power Semiconductors CR02AM Datasheet HTML 4Page - Powerex Power Semiconductors CR02AM Datasheet HTML 5Page - Powerex Power Semiconductors CR02AM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR02AM
Lead-Mount, Phase Control SCR
0.3 Amperes/400 Volts
P-2
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
CR02AM-8
Units
Repetitive Peak Off-state Voltage
VDRM
400
Volts
Repetitive Peak Reverse Voltage
VRRM
400
Volts
Non-repetitive Peak Reverse Voltage
VRSM
500
Volts
DC Reverse Voltage
VR(DC)
320
Volts
DC Forward Voltage
VD(DC)
320
Volts
RMS On-state Current
IT(RMS)
0.47
Amperes
Average On-state Current (Nominal, See Graphs) Ta = 30°C
IT(avg)
0.3
Amperes
Non-repetitive Peak Surge, On-state Current One Cycle (60 Hz)
ITSM
10
Amperes
I2t for Fusing, t = 8.3 msec
I2t
0.4
A2sec
Peak Gate Power Dissipation
PGM
0.1
Watts
Average Gate Power Dissipation
PG(avg)
0.01
Watts
Peak Forward Gate Current
IFGM
0.1
Amperes
Peak Forward Gate Voltage
VFGM
6
Volts
Peak Reverse Gate Voltage
VRGM
6
Volts
Storage Temperature
Tstg
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
°C
Weight
–
0.23
Grams



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com