Electronic Components Datasheet Search
  English  ▼

X  

CR02AM Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CR02AM
Description  Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR02AM Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CR02AM Datasheet HTML 1Page - Powerex Power Semiconductors CR02AM Datasheet HTML 2Page - Powerex Power Semiconductors CR02AM Datasheet HTML 3Page - Powerex Power Semiconductors CR02AM Datasheet HTML 4Page - Powerex Power Semiconductors CR02AM Datasheet HTML 5Page - Powerex Power Semiconductors CR02AM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR02AM
Lead-Mount, Phase Control SCR
0.3 Amperes/400 Volts
0
60
80
100
120
140
160
180
200
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-AMBIENT)
TIME, t, (s)
10-3
10-2
100
101
102
103
10-1
100
20
40
10-2
10-1
100
101
102
GATE
CHARACTERISTICS
GATE CURRENT, IG, (mA)
10-2
10-1
100
101
102
VGD = 0.2V
VFGM = 6V
VGT = 0.8V
IGT = 100 A
IFGM = 0.1A
PGM = 0.1W
PG(avg) = 0.01W
Tj = 25 °C
1.0
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE
CURRENT, IT, (AMPERES)
10-2
10-1
100
101
Tj = 25
oC
0
2
4
6
8
10
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, I T(avg), (AMPERES)
0
0.1
0.2
0.3
0.4
= 30
° 60°
90
°
180
°
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
120
°
360
°
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.1
0.2
0.3
0.4
= 30
°
60
°
90
°
120
°
180
°
360
°
RESISTIVE,
INDUCTIVE LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.1
0.2
0.3
0.4
0.5
= 30
°
180
°
360
°
RESISTIVE LOADS
NATURAL CONVECTION
120
°
90
°
60
°
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
= 30
°
60
°
90
°
120
°
180
°
RESISTIVE LOADS
0.1
0.2
0.3
0.4
0.5
360
°
0
20
40
60
80
100
120
140
160
MAXIMUM
ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.1
0.2
0.3
0.4
0.5
= 30
°
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
120
°
60
°
180
°
270
°
90
°
DC
360
°
P-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com