Electronic Components Datasheet Search
  English  ▼

X  

CPC1580 Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1580 Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC1580 Datasheet HTML 3Page - Clare, Inc. CPC1580 Datasheet HTML 4Page - Clare, Inc. CPC1580 Datasheet HTML 5Page - Clare, Inc. CPC1580 Datasheet HTML 6Page - Clare, Inc. CPC1580 Datasheet HTML 7Page - Clare, Inc. CPC1580 Datasheet HTML 8Page - Clare, Inc. CPC1580 Datasheet HTML 9Page - Clare, Inc. CPC1580 Datasheet HTML 10Page - Clare, Inc. CPC1580 Datasheet HTML 11Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CPC1580
8
www.clare.com
R00G
4. CPC1580 Over-Voltage Protection
Over-voltage protection is generally required for the
CPC1580 because of parasitic inductance in the load,
wires, board traces, and axial leads of protectors.
Purely resistive loads or loads with low voltage
switching may be able to rely on the transistor to
handle any parasitic energy and thereby not require
protection for the CPC1580. For very low inductance
loads and traces, over-voltage suppression may be
handled with a simple R-C filter consisting of ROVP
and COVP, or by use of a free-wheeling diode (see
Figure 2). For more moderate load inductance, or
remote switching of a load (i.e. through a long cable) a
voltage suppressor can be used. For heavily inductive
loads only a free-wheeling diode, DOVP, connected
across the load element is recommended, see
Figure 2.
The energy not consumed in switching losses must be
absorbed by the over-voltage protection element. Most
protective devices are designed to withstand certain
peak power, in the case of a Transient Voltage
Suppressor (TVS); or maximum avalanche energy, in
the case of a MOSFET. Understanding the switching
losses and load dynamics is absolutely essential.
One simple way to reduce the amount of stored
inductive energy is to increase the energy dissipated
in the switch. This can be accomplished by adding a
larger capacitor in parallel with the gate-drain
connection of the MOSFET, however care must be
taken so that the rise time and peak current do not
exceed the Safe Operating Area (SOA) rating of the
transistor.
The consequence of increasing the gate-drain
effective capacitance is reduced dV/dt tolerance.
When used in a circuit with an inductive load,
precautions must be taken to prevent damage to the
circuit from inductively generated voltage spikes. The
circuit shown in Figure 2 includes such protection
across the inductive load.
4.1 Other Protection Techniques
Switching loads with higher inductance characteristics
requires consideration of other circuit protection
techniques, device ratings, or protector types. Of
paramount importance is that the designer know the
characteristics of the load being switched.
Figure 2. CPC1580 Over-Voltage Protection for Inductive Loads
2
3
1
4
NC
NC
8
5
6
7
C
ST
Q1
V+
V-
CPC1580
LED +
LED -
V
CAP
V
D
V
G
V
S
Z
LOAD
D
OVP
R
OVP
C
OVP
V
IN+
V
IN-
R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com