Electronic Components Datasheet Search
  English  ▼

X  

CPC1580 Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1580 Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC1580 Datasheet HTML 3Page - Clare, Inc. CPC1580 Datasheet HTML 4Page - Clare, Inc. CPC1580 Datasheet HTML 5Page - Clare, Inc. CPC1580 Datasheet HTML 6Page - Clare, Inc. CPC1580 Datasheet HTML 7Page - Clare, Inc. CPC1580 Datasheet HTML 8Page - Clare, Inc. CPC1580 Datasheet HTML 9Page - Clare, Inc. CPC1580 Datasheet HTML 10Page - Clare, Inc. CPC1580 Datasheet HTML 11Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CPC1580
R00G
www.clare.com
9
5. Application Switching Losses
During the transition intervals, the application and load
components change energy states and, in the
process, incur switching losses. The switching losses
are manifested as heat in the application circuit and
must be addressed by the designer to ensure that no
one component exceeds its power rating. The
designer must understand the details of the load
behavior in order to adequately size and protect the
application circuit. There are three general cases to
observe: (1) purely resistive loads,
(2) inductive/resistive loads, and (3) loads with
significant capacitance. Inductors and capacitors are
energy storage elements that require special
consideration for switching.
During the switching periods, energy is conserved.
Inductors turning off transfer their stored energy to
MOSFET switching losses, to the capacitance of the
load and application circuit, and to the protector.
During the turn-on interval, the inductor energy is zero,
and so the capacitive energy in the load and parasitic
elements of the switching application must be
dissipated by the MOSFET, in order for the load to
change state.
To calculate the stored inductive energy in Joules:
5.1 Resistive Load Losses: The Ideal Case
For purely resistive loads, the energy dissipated by
changing states occurs primarily in the MOSFET.
The equation describing MOSFET energy dissipation
during rise time, in Joules, is:
The average power of the MOSFET for any load type
in Watts is:
Where fSWITCH is the application switching frequency;
RDSAT is the MOSFET’s on-resistance; D is the
switch's operational duty cycle: D = tON/(tON+tOFF);
and EFALL is MOSFET energy dissipation during fall
time, in Joules.
5.2 Inductive/Resistive Loads
If the load is resistive and inductive, and the
inductance doesn't saturate, the load current during
turn off, tRISE, in Amps is:
and the MOSFET drain voltage during turn off, tRISE,
in Volts is:
The instantaneous power in the MOSFET will be the
product of the two equations and the energy will be the
integral of the power over time.
5.3 Capacitive Loads
The energy absorbed by the MOSFET for loads that
are more capacitive in nature occurs during the
MOSFET turn-on as opposed to the turn-off. The
energy absorbed by the MOSFET will be a function of
the load, the TVS (or other protector), and the
MOSFET drain capacitance. The MOSFET energy,
EFALL, in Joules is:
COSS is the MOSFET output capacitance found in the
data sheet. As mentioned earlier, the MOSFET
switching losses occur at different times, either rising
or falling, so loads with a combination of inductance
and capacitance can also be calculated by the energy
equations described above.
5.4 dV/dt Characteristics
The application circuit shown in Figure 1 dissipates
significant energy caused by large dV/dt events. Fault
voltages across the MOSFET will turn it on for the
same reason the part turns off slowly. For dV/dt events
> IG_SINK/CRSS (from Equation 2) the application
circuit will dissipate energy proportional to the CRSS
and gFS (forward conductance) of the selected
transistor. CRSS is a function of the transistor's
on-resistance and current/power capability, so higher
load designs are more sensitive.
The CPC1580 provides an internal clamp to protect
the gate of the MOSFET from damage in such an
event. The part can withstand 100mA for short
periods, like dV/dt transients.
EL =
• L • ILOAD
2
1
2
ERISE > VLOAD
2
IG_SINK
CRSS
ILOAD
6
•
=
PLOAD
6
•
tRISE
•
PAVG = ILOAD
2 ••
•
RDSAT
D + fSWITCH
(ERISE + EFALL)
ILOAD(t) =
VLOAD
RLOAD
IG_SINK
LLOAD • CRSS
-
()
•
RLOAD
LLOAD
• t - 1 + e
-R LOAD
LLOAD
•t
2
RLOAD
LLOAD
]
[•
VDRAIN(t) =
IG_SINK
CRSS
• t
EFALL =
1
2
•(CTVS + COSS + CLOAD)• VLOAD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com