Electronic Components Datasheet Search
  English  ▼

X  

CPC1927 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1927
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1927 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1927 Datasheet HTML 1Page - Clare, Inc. CPC1927 Datasheet HTML 2Page - Clare, Inc. CPC1927 Datasheet HTML 3Page - Clare, Inc. CPC1927 Datasheet HTML 4Page - Clare, Inc. CPC1927 Datasheet HTML 5Page - Clare, Inc. CPC1927 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1927-R01
1
CPC1927
ISOPLUS™-264 Power Relay
e3
RoHS
2002/95/EC
Part Number
Description
CPC1927J
ISOPLUS-264 (25 per tube)
Applications
Features
Description
Ordering Information
Pin Configuration
Switching Characteristics of Normally
Open (Form A) Devices
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+
Approvals
• UL recognized component: File # E69938
• Certified to: UL 508
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current, T
A=25ºC
A
rms
With 5°C/W Heat Sink
6.7
No Heat Sink
2.7
On-resistance
0.2
Ω
RθJC
0.30
ºC/W
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Energy Meters
• Transportation Equipment
• Aerospace/Defense
• 100% Solid State
• Compact ISOPLUS-264 Power Package
• Low Thermal Resistance (0.30°C/W)
• 6.7A
rms Load Current with 5°C/W Heat Sink
• Low Drive Power Requirements
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power Solid State Relays.
As part of this family, the CPC1927 single pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 6.7A
rms continuous load current with a
5ºC/W heat sink.
The CPC1927 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. The output is constructed with efficient
MOSFET switches and photovoltaic die that use
Clare’s patented OptoMOS architecture while the
input, a highly efficient GaAlAs infrared LED provides
the optically coupled control. The combination of
low on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS allows solid state relays to achieve the highest
load current and power ratings. This package
features a unique IXYS process where the silicon
chips are soft soldered onto the Direct Copper
Bond (DCB) substrate instead of the traditional
copper leadframe. The DCB ceramic, the same
substrate used in high power modules, not only
provides 2500V
rms isolation but also very low thermal
resistance (0.3 °C/W).


Similar Part No. - CPC1927

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1927 CLARE-CPC1927 Datasheet
922Kb / 7P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1927 IXYS-CPC1927 Datasheet
199Kb / 7P
Low Drive Power Requirements
logo
Clare, Inc.
CPC1927J CLARE-CPC1927J Datasheet
922Kb / 7P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1927J IXYS-CPC1927J Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1927J IXYS-CPC1927J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1927

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1909 CLARE-CPC1909 Datasheet
141Kb / 6P
ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979 Datasheet
140Kb / 6P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1909 CLARE-CPC1909_10 Datasheet
889Kb / 7P
ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918_10 Datasheet
890Kb / 7P
ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927_10 Datasheet
922Kb / 7P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979_11 Datasheet
921Kb / 7P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988_11 Datasheet
889Kb / 7P
ISOPLUS??264 Power Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com