Electronic Components Datasheet Search
  English  ▼

X  

CPC1927 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1927
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1927 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1927 Datasheet HTML 1Page - Clare, Inc. CPC1927 Datasheet HTML 2Page - Clare, Inc. CPC1927 Datasheet HTML 3Page - Clare, Inc. CPC1927 Datasheet HTML 4Page - Clare, Inc. CPC1927 Datasheet HTML 5Page - Clare, Inc. CPC1927 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1927
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Unless otherwise specified, all performance data was acquired without the use of a heatsink.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1927
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
0.138
0.142
0.146
0.150
0.154
0.158
On-Resistance (
Ω)
CPC1927
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
9.5
10.5
11.5
13.5
12.5
14.5
Turn-On (ms)
CPC1927
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.20
0.22
0.24
0.19
0.21
0.23
Turn-Off (ms)
25
20
15
10
5
0
CPC1927
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
35
30
25
20
15
10
5
0
274
276
278
280
286
Blocking Voltage (V
P)
284
282
CPC1927
Typical Blocking Voltage Distribution
(T
A=25ºC)
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
CPC1927
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
1ºC/W
Free Air
10ºC/W
5ºC/W
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
CPC1927
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
Temperature (ºC)
-40
295
290
285
280
275
270
265
260
255
-20
0
20
40
60
80
100
CPC1927
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
I
F = 10mA
I
F = 20mA
CPC1927
Typical Turn-On vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
I
F = 20mA
I
F = 10mA
CPC1927
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
CPC1927
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
I
F=10mA
I
F=20mA
LED Forward Current (mA)
0
5
1015202530354045
60
50
40
30
20
0
50
10
CPC1927
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com