Electronic Components Datasheet Search
  English  ▼

X  

CPC1927 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1927
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1927 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1927 Datasheet HTML 1Page - Clare, Inc. CPC1927 Datasheet HTML 2Page - Clare, Inc. CPC1927 Datasheet HTML 3Page - Clare, Inc. CPC1927 Datasheet HTML 4Page - Clare, Inc. CPC1927 Datasheet HTML 5Page - Clare, Inc. CPC1927 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1927
www.clare.com
5
R01
PERFORMANCE DATA*
LED Forward Current (mA)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
CPC1927
Typical Turn-Off vs. LED Forward Current
(I
L=1ADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
CPC1927
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1927
Typical On-Resistance vs. Temperature
(I
L=1ADC)
Load Voltage (V)
-0.51
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-0.34
-0.17
0.17
0.34
0
0.51
CPC1927
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
30
25
20
15
10
5
0
1ms
10μs 100μs
100ms
10s
10ms
1s
100s
CPC1927
Energy Rating Curve
(Free Air, No Heat Sink)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Unless otherwise specified, all performance data was acquired without the use of a heatsink.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com