Electronic Components Datasheet Search
  English  ▼

X  

AN238 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN238
Description  Tire Pressure Monitoring (TPM) System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN238 Datasheet(HTML) 5 Page - Microchip Technology

  AN238 Datasheet HTML 1Page - Microchip Technology AN238 Datasheet HTML 2Page - Microchip Technology AN238 Datasheet HTML 3Page - Microchip Technology AN238 Datasheet HTML 4Page - Microchip Technology AN238 Datasheet HTML 5Page - Microchip Technology AN238 Datasheet HTML 6Page - Microchip Technology AN238 Datasheet HTML 7Page - Microchip Technology AN238 Datasheet HTML 8Page - Microchip Technology AN238 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2004 Microchip Technology Inc.
DS00238B-page 5
AN238
FIGURE 4:
LF CIRCUITRY
Details of the LF transmission format and the specific
commands can be found in the Section, "LF Com-
mander".
RF Transmission Format
The encoding method used for this demonstration
system is the 1/3-2/3 PWM format with TE (basic pulse
element) time of 400
µs and a bit period of 3xTE or
1.2 ms.
FIGURE 5:
RF TRANSMISSION
ENCODING METHOD
Preamble: The preamble is a series of 31 logic ‘1’ bits
followed by a single logic ‘0’ bit. The preamble allows
the receiver to recognize the RF transmission as a valid
S/TX message. The preamble also allows the receiver
to synchronize to the RF message, thereby compen-
sating for any oscillator inaccuracies within the
transmitter. The system designer may vary the number
of preamble bits based on system requirements.
Longer preamble bit lengths may be appropriate where
receiver quiescent current is an issue. Shorter
preamble bit lengths may be appropriate where S/TX
battery usage is a concern. In either case, it is purely a
trade-off between receiver quiescent current and
battery power consumed by the S/TX device.
Transmitter ID: The 32 transmitter ID bits are used to
uniquely identify each S/TX. A frame of 32 bits insures
that there is a very low probability that any two S/TXs
will have the same ID.
Pressure: The pressure in kPa is obtained by multiply-
ing the unsigned binary value of this byte by 2.5.
Temperature: The temperature in degrees C is
obtained by subtracting 40 from the unsigned value of
byte 8.
Battery: Bit 7 of this byte indicates the battery
condition. A logic ‘1’ is considered normal while a logic
‘0’ indicates a low battery voltage.
Status: This status byte contains the following informa-
tion:
Bits 0 and 1: Indicate operating state of sensor IC
00
= Initial or Storage mode
01
= Normal mode
10
= Pressure Alert mode
11
= Temperature Alert mode
CRC (2 bytes): Implement according to CCITT
standards.
L1
D3
C11
Schottky
R5
10 k
Ω
rfPIC12F675_SSOP
R3
51 k
Ω
C9
1000 pF
LF Out
LF In
COUT
GP3
CIN-
D2
Schottky
220 pF
Inductor
Bits
Preamble
32
Transmitter ID
32
Pressure
8
Temperature
8
Battery
8
Status
8
CRC
16
TE TE TE
Logic ‘1’
TE TE TE
Logic ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com