Electronic Components Datasheet Search
  English  ▼

X  

AN238 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN238
Description  Tire Pressure Monitoring (TPM) System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN238 Datasheet(HTML) 2 Page - Microchip Technology

  AN238 Datasheet HTML 1Page - Microchip Technology AN238 Datasheet HTML 2Page - Microchip Technology AN238 Datasheet HTML 3Page - Microchip Technology AN238 Datasheet HTML 4Page - Microchip Technology AN238 Datasheet HTML 5Page - Microchip Technology AN238 Datasheet HTML 6Page - Microchip Technology AN238 Datasheet HTML 7Page - Microchip Technology AN238 Datasheet HTML 8Page - Microchip Technology AN238 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN238
DS00238B-page 2
 2004 Microchip Technology Inc.
Sensor/Transmitter (S/TX) Device
There are typically five S/TX units per vehicle, one per
wheel, and the spare tire. Each unit has a unique serial
number enabling the system to distinguish between
each tire. When mounted within a vehicle tire, the S/TX
periodically measures internal tire pressure, tempera-
ture and battery condition. It then sends a RF signal
composed of the measured information to a central
receiver. The device described in this document is
based on Microchip's rfPIC12F675 and the pressure
and temperature sensing is performed by the Sensonor
SP-13, a sensor IC (www.sensonor.com). The unit is
also equipped with a LF receiver unit, used to commu-
nicate to the S/TX device and to enable it from a Sleep
state.
RF Receiver Module
A central RF receiver module receives transmissions
from the individual S/TX devices. The receiver can also
be used as a remote keyless entry receiver, saving on
overall system cost. The design of the RF receiver
module falls beyond the intent of this document. A
functional RF receiver module is assumed.
LF Commander Device
The LF commander is designed to send specific
commands to the S/TX unit via a 125 kHz ASK modu-
lated signal. The LF link communicates over a short
distance (1 meter or less), thus making it capable of
communicating with the wheel in its immediate range.
LF magnetic communications is well suited for sending
commands to the S/TX devices. These commands,
when received by the S/TX device, instruct it to carry
out specific tasks.
Control Unit
The control unit is responsible for initiating communica-
tions, interpreting received data and reporting the
relevant information back to the vehicle. The unit will
only be treated from a system overview perspective.
Pressure Vessel
The pressure vessels (tires) are the measurement
subjects, with pressure and temperature values
measured and reported.
TPM Sensor/Transmitter
TECHNICAL SPECIFICATIONS
• Modulation Format: ASK
• Operating Voltage: 2.5-3.6V
• Low Voltage Alert Threshold: 2.5V
• Quiescent Current: TBD
RF Specific:
• Transmit Frequency: 315 MHz
• Transmit Interval: 60, 15 or 5 seconds (LF
selectable)
• Power Output: +9 dBm into 50
Ω load
• Operating Current – Transmit: 12.5 mA at max RF
power
LF Specific:
• Input Frequency: 125 kHz
• Input Sensitivity: TBD
Pressure Sensor Specific:
• Pressure Sensor Range: 50-637 kPa absolute
• Temperature Sensor Range: -40–125
°C
The schematic for the TPM S/TX is shown in Appendix
A: “Schematics”.
THEORY OF OPERATION
The S/TX device comprises two integrated circuits:
• Microchip’s rfPIC12F675 MCU/RF transmitter IC
• Sensonor SP-13 (pressure, temperature and
low-voltage sensor IC)
In addition, the S/TX also includes LF input circuitry.
This circuitry allows the S/TX device to receive special
commands via the LF link. Refer to Appendix A:
“Schematics” for additional circuit detail.
rfPIC12F675 Transmitter IC
The rfPIC
TM, based on the PIC12F675, was chosen as
the heart of the S/TX for several reasons. First, the
PIC12FXXX series of microcontrollers are widely used
for transmitter applications and millions of PICmicro®
microcontroller devices are currently used in transmit-
ter applications today. Second, this device features an
internal RC oscillator, thereby reducing the external
component count which, directly reduces module cost
as well as circuit board size. Third, this device includes
the RF transmitter circuitry, which again reduces exter-
nal component count, cost and overall size of the circuit
board. The rfPIC12F675 also has an internal compara-
tor which plays an important role in decoding the infor-
mation from the LF link. The internal comparator helps
reduce overall part count, thereby further reducing
module cost and circuit board size. Lastly, the
rfPIC12F675
features
a
10-bit
Analog-to-Digital
converter, allowing the designer to use analog output
pressure sensors.
The rfPIC performs three functions. It monitors the data
line from the SP-13 sensor IC and from the LF input,
and assembles and transmits a RF message at
periodic intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com