Electronic Components Datasheet Search
  English  ▼

X  

AN238 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN238
Description  Tire Pressure Monitoring (TPM) System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN238 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN238 Datasheet HTML 2Page - Microchip Technology AN238 Datasheet HTML 3Page - Microchip Technology AN238 Datasheet HTML 4Page - Microchip Technology AN238 Datasheet HTML 5Page - Microchip Technology AN238 Datasheet HTML 6Page - Microchip Technology AN238 Datasheet HTML 7Page - Microchip Technology AN238 Datasheet HTML 8Page - Microchip Technology AN238 Datasheet HTML 9Page - Microchip Technology AN238 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN238
DS00238B-page 6
 2004 Microchip Technology Inc.
LF Commander
THEORY OF OPERATION
The system proposed in this document is based on an
auto-location system, enabling it to detect the position
of a specific S/TX device. This requires a LF
commander device at each wheel arc and possibly at
the spare tire mounting position.
Having a handheld LF commander unit can enable a
lower cost system. Although, this would require that the
system be manually relearned after a tire rotation, the
S/TX device is able to detect tire rotation or some other
system
to
engage
data
transmission.
The
LF
commander device is capable of sending commands to
the S/TX device via a LF transmission such as:
• Enable RF transmissions
• Disable RF transmissions
• Transmit an immediate message
• Transmit at 60-second intervals
• Transmit at 15-second intervals
• Transmit at 5-second intervals
The LF commander unit is based on the PIC16F628
MCU
device.
Communication
between
the
LF
commander and the S/TX is accomplished via
magnetic field. When the LF commander is transmitting
a message, it is essentially creating a magnetic field by
exciting a series LC circuit. The LC circuit is excited by
the PICmicro's PWM port. This port is set up to gener-
ate a 50% duty cycle at 125 kHz. The command data is
then modulated on this 125 kHz signal in the form of
ASK modulation. Functionally, this is accomplished by
instructing the PICmicro to toggle the PWM port
between 0% and 50% duty cycle at the rate of the data.
LF TRANSMISSION FORMAT
The encoding format used in the LF link is a
1/3 - 2/3 PWM format with 400
µs TE (basic pulse
element). Selecting 400
µs TE or greater insures the
magnetic field generated by the series LC circuit has
adequate time to rise and decay, without requiring too
much wave shaping of the recovered square wave in
the S/TX circuitry.
The transmission data format for the LF link is shown in
Figure 6.
FIGURE 6:
LF TRANSMISSION
ENCODING METHOD
Preamble: The preamble is a series of 15 logic ‘1’ bits
and 1 logic ‘0’ bit. This reduces the chance of the S/TX
receiving erroneous data from electronic devices that
generate strong 125 kHz fields. Computer CRT's and
switching power supplies are examples of such
devices.
Command: These 8 bits of data contains the specific
command that the S/TX is being asked to perform.
Table 1 illustrates the various commands (MSB is left
most column).
TABLE 1:
BIT FUNCTIONS
Sum Check: Calculated by adding contents of the
command byte with ‘10101010’.
SUMMARY
TPM use in the automotive industry is growing, driven
by customer demand, improved safety, and possible
compulsory-usage legislation. Microchip’s low-cost
rfPIC devices are well suited for the application and
help reduce the overall TPM system cost.
The use of rfPIC based S/TX makes for a flexible
solution that allows for the merging with existing
systems such as security, PKE, RKE and more.
Bits
Function
01101101
Enable RF transmissions
10010010
Disable RF transmissions
10101010
Transmit an immediate RF message
10110110
Transmit at 60-second interval
11001100
Transmit at 15-second interval
11010011
Transmit at 5-second interval
Bits
Preamble
16
Command
8
Sum Check
8
TE TE TE
Logic ‘1’
TE TE TE
Logic ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com