Electronic Components Datasheet Search
  English  ▼

X  

LM135A Datasheet(PDF) 5 Page - Silicon Supplies

Part # LM135A
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135A Datasheet(HTML) 5 Page - Silicon Supplies

  LM135A Datasheet HTML 1Page - Silicon Supplies LM135A Datasheet HTML 2Page - Silicon Supplies LM135A Datasheet HTML 3Page - Silicon Supplies LM135A Datasheet HTML 4Page - Silicon Supplies LM135A Datasheet HTML 5Page - Silicon Supplies LM135A Datasheet HTML 6Page - Silicon Supplies LM135A Datasheet HTML 7Page - Silicon Supplies LM135A Datasheet HTML 8Page - Silicon Supplies LM135A Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM135A
Rev 1.1
28/04/20
Typical Characteristics (T
J = 25°C unless otherwise specified)
10
-1
10
0
10
1
10
2
10
100
1k
10k
100k
Frequency (Hz)
FIGURE 5. Dynamic Impedance
TJ = +125°C
TJ = 25°C
TJ = -55°C
10
100
1k
10k
100k
Frequency (Hz)
200
240
320
360
280
FIGURE 6. Noise voltage
IZ = 1mA
TJ = 25°C
0
2
4
6
8
10
0
100
300
400
200
Air velocity (m/s)
FIGURE 8. Thermal resistance, junction-to-air
02
4
6
8
10
0
10
30
40
20
Air velocity (m/s)
FIGURE 9. Thermal time constant



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com