Electronic Components Datasheet Search
  English  ▼

X  

LM135A Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM135A
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135A Datasheet(HTML) 2 Page - Silicon Supplies

  LM135A Datasheet HTML 1Page - Silicon Supplies LM135A Datasheet HTML 2Page - Silicon Supplies LM135A Datasheet HTML 3Page - Silicon Supplies LM135A Datasheet HTML 4Page - Silicon Supplies LM135A Datasheet HTML 5Page - Silicon Supplies LM135A Datasheet HTML 6Page - Silicon Supplies LM135A Datasheet HTML 7Page - Silicon Supplies LM135A Datasheet HTML 8Page - Silicon Supplies LM135A Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2 of 10
www.siliconsupplies.com
d
Analog Temperature Sensor – LM135A
Rev 1.1
28/04/20
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
V+
134
848
2
V-
1281
103
3
ADJ
1268
848
CONNECT CHIP BACK TO V- OR FLOAT
Pad Layout and Functions
Simplified Schematic
1500µm (59.06 mils)
Calibration methodology and schematic
0,0
3
1
2
V+
R1
VOUT
10mV/°K
V-
The LM135A response is proportional to absolute temperature with the
extrapolated output of sensor going to 0V at 0°K (-273.15°C). Errors in output
voltage versus temperature are only slope. Thus a calibration of the slope at
one temperature corrects errors at all temperatures. The circuit output
(calibrated or not) is given by the equation:
VOUTT + VOUTTo x
Where:
T is the unknown temperature
TO is the reference temperature (in °K).
Nominally, the output is calibrated at 10mV/°K.
T
To
Application Note:
Self-heating can decrease accuracy; LM135A should be operated at low current but sufficient enough to drive the
sensor and calibration circuit to the maximum operating temperature. If used in surroundings where the thermal
resistance is constant, the errors due to self-heating can be externally calibrated. This is possible if the circuit is biased
with a temperature stable current. Heating will then be proportional to Zener voltage and therefore temperature. In this
way, the error due to self-heating is proportional to the absolute temperature as scale factor errors.
V+
R1
VOUT
10mV/°K
V-
10kΩ*
* Calibrated for
2.982V at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com