Electronic Components Datasheet Search
  English  ▼

X  

LM135A Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM135A
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135A Datasheet(HTML) 3 Page - Silicon Supplies

  LM135A Datasheet HTML 1Page - Silicon Supplies LM135A Datasheet HTML 2Page - Silicon Supplies LM135A Datasheet HTML 3Page - Silicon Supplies LM135A Datasheet HTML 4Page - Silicon Supplies LM135A Datasheet HTML 5Page - Silicon Supplies LM135A Datasheet HTML 6Page - Silicon Supplies LM135A Datasheet HTML 7Page - Silicon Supplies LM135A Datasheet HTML 8Page - Silicon Supplies LM135A Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3 of 10
www.siliconsupplies.com
Analog Temperature Sensor – LM135A
Rev 1.1
28/04/20
PARAMETER
SYMBOL
MIN
MAX
UNITS
Continuous
-55
150
Temperature
Intermittent
TA
-55
200
°C
Forward Current
IF
0.45
5
mA
Recommended Operating Conditions
Absolute Maximum Ratings1
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
TJ = 25°C, IR = 1mA
2.97
2.98
2.99
V
ΔT1
TA = 25°C, IR = 1mA
-
0.5
1
°C
Un-calibrated
Temperature Error
ΔT2
-55˚C≤ TA≤ +150˚C,IR = 1mA
-
1.3
2.7
°C
ΔT3
-55˚C≤ TA≤ +150˚C,IR = 1mA
-
0.3
1
°C
25°C Calibrated
Temperature Error
ΔT4
TA = 200˚C, Intermittent
-
2
-
°C
Non-linearity
ΔT5
-55˚C≤ TA≤ +150˚C,IR = 1mA
-
0.3
0.5
°C
Temperature Parameters2 (T
A = 25°C unless otherwise specified)
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce
device reliability.
PARAMETER
SYMBOL
VALUE
UNIT
Reverse Current
IR
15
mA
Forward Current
IF
10
mA
Continuous
-55 to +150
Operating Temperature
TOPER
Intermittent
-55 to +200
°C
Storage Temperature
TSTG
-65 to +150
°C
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage
change with current
ΔVOUT
450µA ≤ IR ≤ 5mA,
Constant temperature
-
2.5
10
mV
Dynamic impedance
ΔR1
TJ = 25°C, IR = 1mA
-
0.5
-
Ω
Temperature
coefficient of output
voltage
TC
TJ = 25°C, IR = 1mA
-
+10
-
mV/°C
Still air
-
80
-
Air 0.5m/s
-
10
-
Time constant
τТ
Stirred oil
-
1
-
s
Time stability
TSTAB
TJ = 125°C
-
0.2
-
°C/1000h
Electrical Parameters2 (T
A = 25°C unless otherwise specified)
2. Accuracy measurements are made in a well-stirred oil bath. For other conditions, self-heating must be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com