Electronic Components Datasheet Search
  English  ▼

X  

1272011 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1272011
Description  ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1272011 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1272011 Datasheet HTML 1Page - PHOENIX CONTACT 1272011 Datasheet HTML 2Page - PHOENIX CONTACT 1272011 Datasheet HTML 3Page - PHOENIX CONTACT 1272011 Datasheet HTML 4Page - PHOENIX CONTACT 1272011 Datasheet HTML 5Page - PHOENIX CONTACT 1272011 Datasheet HTML 6Page - PHOENIX CONTACT 1272011 Datasheet HTML 7Page - PHOENIX CONTACT 1272011 Datasheet HTML 8Page - PHOENIX CONTACT 1272011 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
without plastic sleeve
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Stripping length
10 mm
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface contact area (top layer)
Tin (4 - 8 µm Sn)
Metal surface soldering area (top layer)
Tin (Sn)
Metal surface soldering area (middle layer)
Nickel (Ni)
Material data - housing
Color (Housing)
blue (5015)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Material data – actuating element
Color (Actuating element)
orange (2003)
Insulating material
PBT GF
Insulating material group
IIIa
CTI according to IEC 60112
275
Flammability rating according to UL 94
V0
Dimensions
Dimensional drawing
Pitch
5 mm
Width [w]
14.95 mm
Height [h]
15 mm
Length [l]
22 mm
ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
1272011
https://www.phoenixcontact.com/us/products/1272011
Feb 19, 2025, 12:52 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com