Electronic Components Datasheet Search
  English  ▼

X  

1272011 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1272011
Description  ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1272011 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1272011 Datasheet HTML 1Page - PHOENIX CONTACT 1272011 Datasheet HTML 2Page - PHOENIX CONTACT 1272011 Datasheet HTML 3Page - PHOENIX CONTACT 1272011 Datasheet HTML 4Page - PHOENIX CONTACT 1272011 Datasheet HTML 5Page - PHOENIX CONTACT 1272011 Datasheet HTML 6Page - PHOENIX CONTACT 1272011 Datasheet HTML 7Page - PHOENIX CONTACT 1272011 Datasheet HTML 8Page - PHOENIX CONTACT 1272011 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: blue, nominal current: 16 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: ICC..-
PPC2,5/..-5,0, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: ICC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever:
orange
Your advantages
Time saving push-in connection, tools not required
•
Variable coding, for reliable protection against incorrect connection
•
Push-in technology for quick and easy wiring
•
Quick and easily coded when initially connecting the connector and header
•
Intuitive operation due to color-coded actuating push button
•
Commercial data
Item number
1272011
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AC08
Product key
ACHAFC
GTIN
4063151492687
Weight per piece (including packing)
5.25 g
Weight per piece (excluding packing)
4.45 g
Customs tariff number
85366990
Country of origin
CN
ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
1272011
https://www.phoenixcontact.com/us/products/1272011
Feb 19, 2025, 12:52 AM
Page 1 (10)


Similar Part No. - 1272011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1272 ETC2-1272 Datasheet
584Kb / 2P
SCREW TERMINALS
logo
Heyco.
1272 HEYCO-1272 Datasheet
104Kb / 1P
Original Strain Relief Bushings
logo
SUYIN USA, INC.
127212FA SUYIN-USA-127212FA Datasheet
164Kb / 1P
1.27mm DUAL ROW SOCKET SMD
127214FR006G201ZO SUYIN-USA-127214FR006G201ZO Datasheet
61Kb / 1P
1.27mm PITCH R/A DIP TYPE
127214FS SUYIN-USA-127214FS Datasheet
134Kb / 1P
1.27mm PITCH SINGLE ROW SOCKET
More results

Similar Description - 1272011

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HH-3633 BUD-HH-3633 Datasheet
24Kb / 1P
BATTERY HOLDER - 4 AA
logo
PHOENIX CONTACT
1793260 PHOENIX-1793260 Datasheet
58Kb / 3P
PCB connector - ZEC 1,5/ 4-LPV-5,0 C2,4 BK
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
1988820 PHOENIX-1988820 Datasheet
87Kb / 5P
PCB terminal block - PTA 1,5/ 4-5,0
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
1986819 PHOENIX-1986819 Datasheet
222Kb / 8P
ZFKKDSA 1,5C-5,0- 4 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com