Electronic Components Datasheet Search
  English  ▼

X  

1272011 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1272011
Description  ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1272011 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1272011 Datasheet HTML 1Page - PHOENIX CONTACT 1272011 Datasheet HTML 2Page - PHOENIX CONTACT 1272011 Datasheet HTML 3Page - PHOENIX CONTACT 1272011 Datasheet HTML 4Page - PHOENIX CONTACT 1272011 Datasheet HTML 5Page - PHOENIX CONTACT 1272011 Datasheet HTML 6Page - PHOENIX CONTACT 1272011 Datasheet HTML 7Page - PHOENIX CONTACT 1272011 Datasheet HTML 8Page - PHOENIX CONTACT 1272011 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Notes
Coding
For details, refer to the product drawing in the “Downloads” tab.
Safety note
WARNING: The connectors may not be plugged in or
disconnected under load. Ignoring the warning or improper use
may damage persons and/or property.
• WARNING: Commission properly functioning products only.
The products must be regularly inspected for damage.
Decommission defective products immediately. Replace
damaged products. Repairs are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety
notes. The qualified personnel must be familiar with the basics of
electrical engineering. They must be able to recognize and
prevent danger. The relevant symbol on the packaging indicates
that only personnel familiar with electrical engineering are
allowed to install and operate the product.
• The item is intended to be an unencapsulated plug for
installation in a housing.
Safety note
• Operate the connector only when it is fully plugged in.
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Repeated connection and disconnection
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
2.5 mm² / flexible / > 50 N
Insertion and withdrawal forces
Specification
IEC 60512-13-2:2006-02
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
12 N
Withdraw strength per pos. approx.
11 N
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
ICC25-PPC2,5/4-5,0-AA-5015 - PCB connector
1272011
https://www.phoenixcontact.com/us/products/1272011
Feb 19, 2025, 12:52 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com