Electronic Components Datasheet Search
  English  ▼

X  

ADR827 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR827
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR827 Datasheet HTML 3Page - Analog Devices ADR827 Datasheet HTML 4Page - Analog Devices ADR827 Datasheet HTML 5Page - Analog Devices ADR827 Datasheet HTML 6Page - Analog Devices ADR827 Datasheet HTML 7Page - Analog Devices ADR827 Datasheet HTML 8Page - Analog Devices ADR827 Datasheet HTML 9Page - Analog Devices ADR827 Datasheet HTML 10Page - Analog Devices ADR827 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 7 of 20
ADR827 ELECTRICAL CHARACTERISTICS—AMPLIFIER (VS = ±2.7 V)
VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
−40°C < TA < +125°C
100
500
μV
Input Offset Voltage Drift
TCVOS
−40°C < TA < +125°C
2
5
μV/°C
Input Bias Current
IB
−40°C < TA < +125°C
15
50
nA
Input Offset Bias Current
IOS
−40°C < TA < +125°C
5
25
nA
Large Signal Voltage Gain
AVO
VOUT = −1.5 V to +1.5 V
RLOAD = 10 kΩ, −40°C < TA < +125°C
99
108
dB
RLOAD = 2 kΩ, −40°C < TA < +125°C
94
100
dB
Common-Mode Rejection Ratio
CMRR
VCM = −1.5 V to +1.5 V, −40°C < TA < +125°C
75
100
dB
85
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 1 mA
2.5
2.6
V
ILOAD = 1 mA, −40°C < TA < +125°C
2.45
V
Output Voltage Low
VOL
ILOAD = 1 mA
−2.6
−2.5
V
ILOAD = 1 mA, −40°C < TA < +125°C
−2.45
V
POWER SUPPLY
Positive Supply Current
ISY+
No load, −40°C < TA < +125°C
400
μA
Negative Supply Current
ISY−
No load, −40°C < TA < +125°C
300
μA
Power Supply Rejection Ratio
PSRR
VS = ±2.7 V to ±15 V
75
100
dB
DYNAMIC PERFORMANCE
Slew Rate
SR
RLOAD = 10 kΩ, CLOAD = 10 pF, AV = +1
0.5
V/μs
Gain Bandwidth Product
GBP
CLOAD = 14 pF
1.0
MHz
Phase Margin
φM
CLOAD = 14 pF
71.3
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
0.2
μV p-p
Voltage Noise Density
eN
f = 1 kHz
16
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com