Electronic Components Datasheet Search
  English  ▼

X  

ADR827 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR827
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827 Datasheet(HTML) 2 Page - Analog Devices

  ADR827 Datasheet HTML 1Page - Analog Devices ADR827 Datasheet HTML 2Page - Analog Devices ADR827 Datasheet HTML 3Page - Analog Devices ADR827 Datasheet HTML 4Page - Analog Devices ADR827 Datasheet HTML 5Page - Analog Devices ADR827 Datasheet HTML 6Page - Analog Devices ADR827 Datasheet HTML 7Page - Analog Devices ADR827 Datasheet HTML 8Page - Analog Devices ADR827 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADR821 Electrical Characteristics—Reference ....................... 3
ADR821 Electrical Characteristics—Amplifier
(VS = ±2.8 V)................................................................................. 4
ADR821 Electrical Characteristics—Amplifier
(VS = ±15 V).................................................................................. 5
ADR827 Electrical Characteristics—Reference ....................... 6
ADR827 Electrical Characteristics—Amplifier
(VS = ±2.7 V)................................................................................. 7
ADR827 Electrical Characteristics—Amplifier
(VS = ±15 V).................................................................................. 8
Absolute Maximum Ratings ............................................................9
Thermal Resistance .......................................................................9
ESD Caution...................................................................................9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Reference ..................................................................................... 11
Amplifier (AD821/AD827)....................................................... 15
Applications Information .............................................................. 18
+2.5 V and −2.5 V Outputs (ADR821) ................................... 18
2.5 V and 5.0 V Outputs (ADR821)......................................... 18
Multiple 2.5 V Outputs (ADR821)........................................... 18
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
10/07—Revision 0: Initial
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com