Electronic Components Datasheet Search
  English  ▼

X  

ADR827 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR827
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR827 Datasheet HTML 12Page - Analog Devices ADR827 Datasheet HTML 13Page - Analog Devices ADR827 Datasheet HTML 14Page - Analog Devices ADR827 Datasheet HTML 15Page - Analog Devices ADR827 Datasheet HTML 16Page - Analog Devices ADR827 Datasheet HTML 17Page - Analog Devices ADR827 Datasheet HTML 18Page - Analog Devices ADR827 Datasheet HTML 19Page - Analog Devices ADR827 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 16 of 20
70
–50
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
50
30
10
–10
–30
120
–60
105
90
75
60
45
30
15
0
–15
–30
–45
PHASE
GAIN
VSY = ±15V
TA = 25°C
Figure 29. Open-Loop Gain and Phase vs. Frequency
50
–60
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
40
30
20
10
0
–10
–20
–30
–40
–50
G = 100
G = 10
G = 1
VSY = ±15V
TA = 25°C
Figure 30. Closed-Loop Gain vs. Frequency
1200
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
1000
800
600
400
200
VSY = ±15V
TA = 25°C
G = 100
G = 10
G = 1
Figure 31. ZOUT vs. Frequency
140
0
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
120
100
80
60
40
20
VSY = ±15V
TA = 25°C
Figure 32. CMRR vs. Frequency
140
0
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
120
100
80
60
40
20
VSY = ±15V
TA = 25°C
PSRR–
PSRR+
Figure 33. PSRR vs. Frequency
RLOAD = 10kΩ
CLOAD = 10pF
VSY = ±15V
2
TIME = 10µs/DIV
Figure 34. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com