Electronic Components Datasheet Search
  English  ▼

X  

KS200 Datasheet(PDF) 2 Page - DFI Inc

Part # KS200
Description  TI® AM3517 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS200 Datasheet(HTML) 2 Page - DFI Inc

  KS200 Datasheet HTML 1Page - DFI Inc KS200 Datasheet HTML 2Page - DFI Inc KS200 Datasheet HTML 3Page - DFI Inc KS200 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KS200
Specifications
TI® AM3517
7" Light Industrial Touch Panel PC
PROCESSOR SYSTEM
• TI® AM3517 Sitara ARM Cortex-A8
MEMORY
• 512MB DDR2 onboard
- 4 DDR2 64Mx16 RAM
LCD and TOUCH SCREEN
• 7” (800x480) WVGA TFT touch screen LCD
• Supports touch screen
- TI® TSC2004 touch screen controller
• 400 NITS
• 4-Wire Resistive type
STORAGE
• 1 SD/MMC card socket
• 512MB NAND Flash
- Samsung K9F4G08U0D flash memory 512Mx 8bit (512MB)
ETHERNET
• LAN8710 10/100Mbps LAN chip
• 1 LAN port
• Supports 10BASE-T and 100BASE-T
AUDIO
• 1 Line-out
COM
• 1 RS232/422/485 COM port
• 1 RS232 COM port
USB
• 1 TUSB1210 USB transceiver
• 2 Type A USB 2.0/1.1 ports
GPIO
• 12-bit GPIO connector
POWER
• Power input voltage
- +9~30V DC-in
ENVIRONMENT
• Temperature
- Operating: -20oC ~ 65oC
- Storage: -30oC ~ 80oC
• Relative Humidity
- 95% RH at 65oC, 1 week
• Corrosion
- 4 periods of 7 days at 65oC with 90-95% relative humidity after 2 hours salt
spray or waiver
I/O PORTS
• Front
- 1 Power LED
• Top
- 1 SD/MMC card socket
• Bottom
- 12-bit GPIO (2 7-pole terminal blocks)
- 1 Line-out
- 1 DB-9 RS232 COM
- 1 RJ45 10/100Mbps LAN with LEDs
- 2 USB 2.0 (Type A)
- 1 DB-9 RS232/422/485 COM
- 1 DC-in (2-pole terminal block)
- 1 power switch
FRONT PANEL PROTECTION
• IP65 (Dust Tight; Water Proof protection)
CONSTRUCTION
• Aluminum front bezel, Rugged metal housing
MOUNTING
• Wall mount (VESA 75x75)
• Panel mount (Mounting clamp)
DIMENSIONS
• 235mm x 150mm x 40.8mm (W x H x D)
WEIGHT
• 2.10 kg
OS SUPPORT
• Windows CE 6.0
CERTIFICATION
• CE
• FCC Class B
• RoHS
• UL
• Compliant with IEC 60945 (Protected B)
* Optional and is not supported in standard model. Please contact your sales representative for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com