Electronic Components Datasheet Search
  English  ▼

X  

KS200 Datasheet(PDF) 4 Page - DFI Inc

Part # KS200
Description  TI® AM3517 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS200 Datasheet(HTML) 4 Page - DFI Inc

  KS200 Datasheet HTML 1Page - DFI Inc KS200 Datasheet HTML 2Page - DFI Inc KS200 Datasheet HTML 3Page - DFI Inc KS200 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Packing List
Ordering Information
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 31, 2014 DFI Inc.
KS200
TI® AM3517
7" Light Industrial Touch Panel PC
Model Name
Part Number
Description
KS200
750-KS2000-000G 7" Panel PC, TI® AM3517 ARM, Aluminum Front Bezel, Resistive Touch, DC input, R10
Optional Items
Part Number
Description
Wall Mount
785-PPCWMK
Standard Panel PC Wall Mount kit
Panel Mount
785-070PMK
7" Panel PC Panel Mount kit
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
• 1 KS200 Touch Panel PC
• 1 Poron foam
• 1 24V power adapter
• 3 Terminal blocks
• 1 Quick Installation Guide
• 1 CD disk includes:
- Manual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com