Electronic Components Datasheet Search
  English  ▼

X  

KS200 Datasheet(PDF) 1 Page - DFI Inc

Part # KS200
Description  TI® AM3517 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS200 Datasheet(HTML) 1 Page - DFI Inc

  KS200 Datasheet HTML 1Page - DFI Inc KS200 Datasheet HTML 2Page - DFI Inc KS200 Datasheet HTML 3Page - DFI Inc KS200 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KS200
Panel
TI® AM3517
7" Light Industrial Touch Panel PC
Features
Dimensions
TI
• 7" WVGA Touch Screen Fanless Panel PC
• 512MB DDR2 onboard
• 512MB NAND Flash onboard
• 2 USB 2.0, 1 LAN, 2 COM, 1 SD/MMC, 12-bit GPIO
12 GPIO
IP65
Front panel
protection
SD/MMC
DC-in
Wide Voltage
9V
30V
Power LED
SD/MMC
Power Switch
RS232 COM
USB
DC-in
Line-Out
LAN
RS232/422/485 COM
12-bit GPIO
Top View
Bottom View
Front View
235.00
214.60
Bottom View
Right View
Left View
Top View
Front View


Similar Part No. - KS200

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KS200A HUAJING-KS200A Datasheet
136Kb / 2P
Bi-directlonal Thyristor
More results

Similar Description - KS200

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS057R-FS DFI-KS057R-FS Datasheet
577Kb / 3P
NXP i.MX6 Series 5.7 Light Industrial Touch Panel PC
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
logo
Weidmuller
2665830000 WEIDMULLER-2665830000 Datasheet
140Kb / 3P
Industrial Panel-PC, Display size 7
November 4, 2021
2676430000 WEIDMULLER-2676430000 Datasheet
140Kb / 3P
Industrial Panel-PC, Display size 7
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com