Electronic Components Datasheet Search
  English  ▼

X  

M8MP553 Datasheet(PDF) 2 Page - DFI Inc

Part # M8MP553
Description  NXP® i.MX 8M Plus Series 3.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M8MP553 Datasheet(HTML) 2 Page - DFI Inc

  M8MP553 Datasheet HTML 1Page - DFI Inc M8MP553 Datasheet HTML 2Page - DFI Inc M8MP553 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
USB 3.0
Hub
USB 3.1 Gen2
i.MX8M Plus
Channel A
CAN Bus
HDMI
HDA
Audio
(Line-out/Mic in)
DDR4 4000MHz Memory Down
CAN Bus 2.0
HDMI
Audio Codec
SGTL5000
USB 2.0
USB 2.0 Header 2x
ARM Cortex
opt.
USB 2.0 M.2 2230 E key
PCIe x1 Gen3
RGMII
RJ45
PHY AR8035
MDI
RGMII
RJ45
PHY AR8035
MDI
RS232/422/485 1x
DIO
GPIO
LVDS Dual Channel
& BL Conn
eMMC
uSD slot
RS232 1x
RS485 1x
Micro USB 2.0
(Download mode)
USB 2.0
USB 2.0
I2C
M.2 3052/2242 B key
USB 2.0
USB 3.1 Gen1 2x
USB 3.1 Gen1
USB 2.0
USB 2.0
USB 2.0 2x
(Industrial CPU SKU Only)
UART4
UART1
UART3
Nano SIM slot
USB 3.1 Gen2
0
6.96
22
39
90
97.20
102
18.98
49.06
94.93
97.20
I2C
I2C / Touch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com