Electronic Components Datasheet Search
  English  ▼

X  

M8MP553 Datasheet(PDF) 1 Page - DFI Inc

Part # M8MP553
Description  NXP® i.MX 8M Plus Series 3.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M8MP553 Datasheet(HTML) 1 Page - DFI Inc

  M8MP553 Datasheet HTML 1Page - DFI Inc M8MP553 Datasheet HTML 2Page - DFI Inc M8MP553 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NXP® i.MX 8M Plus Series
3.5" SBC
KEY FEATURES
NXP
i.MX8M plus
Wide Voltage
2 GbE LAN
CAN bus
2 M.2
Expansions
30% performance
enhancement
Support 9~36VDC
For automation
application
For automation equip-
ments integration
1 M.2 E key 2230
1 M.2 B key 3052/2242
I2C / Touch
NXP i.MX 8M Plus
Processor
Micro USB 2.0
(Download Mode)
USB 3.1
Gen1
LAN 1
9~36V
DC-in
HDMI
M8MP553
ARM
Bottom View
Top View
M.2 B key
LVDS
Nano SIM slot
eMMC
LCD Inverter Power
USB 2.0 2x
M.2 E key
RS232
Audio
DIO
CANbus 2.0
LAN 2
RS485
USB 2.0
uSD slot
Front Panel
SPI
RS232/422/485


Similar Part No. - M8MP553

ManufacturerPart #DatasheetDescription
logo
DFI Inc
M8M051 DFI-M8M051 Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
M8M051-BCC-21DLC DFI-M8M051-BCC-21DLC Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
M8M051-BCC-41QDC DFI-M8M051-BCC-41QDC Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
logo
M-System Co.,Ltd.
M8MS MSYSTEM-M8MS Datasheet
83Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8MS-4444 MSYSTEM-M8MS-4444 Datasheet
83Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8MP553

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
DFI Inc
M8M051 DFI-M8M051 Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
logo
Adlink Technology Inc.
LEC-IMX8M ADLINK-LEC-IMX8M Datasheet
416Kb / 3P
SMARC Short Size Module with NXP i.MX 8M
logo
List of Unclassifed Man...
AW-PU510 ETC-AW-PU510 Datasheet
2Mb / 49P
NXP i.MX 8M Mini SoM with Wi-Fi 1x1 Connectivity
Rev. F
logo
Advantech Co., Ltd.
ROM-3620 ADVANTECH-ROM-3620 Datasheet
2Mb / 4P
NXP i.MX 8X Cortex®-A35 RTX v2.1 module
16-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
logo
BCM Advanced Research.
SMA-X8I BCM-SMA-X8I Datasheet
745Kb / 1P
NXP i.MX 8M Mini SMARC Module
2022/02/08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com