Electronic Components Datasheet Search
  English  ▼

X  

M8MP553 Datasheet(PDF) 3 Page - DFI Inc

Part # M8MP553
Description  NXP® i.MX 8M Plus Series 3.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M8MP553 Datasheet(HTML) 3 Page - DFI Inc

  M8MP553 Datasheet HTML 1Page - DFI Inc M8MP553 Datasheet HTML 2Page - DFI Inc M8MP553 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
i.MX 8M plus applications processors
MIMX8ML6CVNKZAB (Industrial), Quad 1.6GHz, VPU/ISP/CAN FD, -40~105°C
MIMX8ML3CVNKZAB (Industrial), Dual 1.6GHz, VPU/ML/ISP/CAN FD, -40~105°C
Memory
2GB/4GB/8GB LPDDR4 Memory Down
GRAPHICS
Controller
GC7000UL
Feature
HW Decode: 1080p60 H.265,H.264, VP9, VP8
HW Endcode: 1080p60 H.265,H.264
Display
1 x HDMI
HDMI: resolution up to 1920x1080@60Hz
1 x LVDS
LVDS: resolution up to 1920x1200 @60Hz
Dual Display
LVDS + HDMI
Android:support single output
EXPENSION
Interface
1 x M.2 B key 3052/2242 (USB 3.1 Gen2/USB 2.0)
1 x M.2 E key 2230 (PCIe x1/USB 2.0)
1 x Nano SIM slot
AUDIO
Audio Codec
Audio codec SGTL5000
ETHERNET
Phy
AR8035
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS485 (2-wire)
USB
2 x USB 3.1 Gen1
2 x USB 2.0
Display
1 x HDMI
INTERNAL I/O
Serial
1 x RS232
1 x RS232/422/485 (2.0mm pitch)
USB
2 x USB 2.0 (2.00mm pitch, the 2nd USB is shared with M.2 B Key (default)
1 x Micro USB 2.0 (Download Mode)
Display
1 x LVDS LCD Panel connector
1 x LCD/Inverter Power
Audio
1 x Audio (Line-out/Mic-in)
SD
1 x uSD card
DIO
1 x 8-bit DIO
I2C
1 x I2C / Touch
CANBus
2 x CAN bus 2.0b on Industrial CPU sku
STORAGE
eMMC
1 x eMMC 5.1 with default 16GB (up to 64GB)
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36VDC
Note1: Support 9V~24VDC in -30~80°C operating temperature.
Note2: Support 36VDC within 70°C operating temperature.
Connector
2-pole terminal block (default)
Co-lay 4-pin vertical power connector
Consumption
Typical: i.MX 8M Plus Quad, 12V, 3.6Watt
Max.: i.MX 8M Plus Quad, 12V, 5.28Watt
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft/Linux
Linux Yocto 3.0 (default)
Android 10
ENVIRONMENT
Temperature
Operating: -30 to 80 °C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
i.MX 8M Plus Quad: 632,710 hrs @ 25°C; 386,370 hrs @ 45°C ; 252,204 hrs @ 60°C; 138,544 hrs
@ 80°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
3.5" SBC Form Factor
146mm (5.75") x 102mm (4.02")
Height
PCB: 1.6mm
Top Side: 15mm
Bottom Side: 4mm
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS, UKCA
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 8, 2023 DFI Inc.
PACKING LIST
OPTIONAL ITEMS
1 M8MP553 board
1 Terminal block for RS485 (COM3)
342-361021-000G
1 Heatsink (Height: 21mm)
A71-008168-000G
2 pole terminal to DC jack cable
A81-004013-000G
Power adapter (60W, 12V, DC Jack)
671-106012-000G
USB 2.0 cable (Length: 200mm)
A81-001032-016G
COM port cable (Length: 250mm, COM1/4)
A81-009595-016G
Audio (Length: 300mm)
A81-022031-016G
Heat spreader (Height: 11mm)
A71-808351-000G
Debug console with cable (Length: 500mm)
770-IMX8M1-000G
ORDERING INFORMATION
Model Name
P/N
Processor Memory eMMC GbE RS-232 RS-232/422/485 USB 3.1 Gen1 USB 2.0 Power
Thermal Temp.
M8MP553-ECC-41QDI 770-8MP5531-200G Quad core 4 GB
16 GB 2
1
1
2
4
9~36VDC Fanless -30 to 80°C
M8MP553-ECC-21DLI 770-8MP5531-300G Dual core 2 GB
16 GB 2
1
1
2
4
9~36VDC Fanless -30 to 80°C
M8MP553-ECC-81QDI 770-8MP5531-400G Quad core 8 GB
16 GB 2
1
1
2
4
9~36VDC Fanless -30 to 80°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com