Electronic Components Datasheet Search
  English  ▼

X  

RPSPIC Datasheet(PDF) 2 Page - DFI Inc

Part # RPSPIC
Description  14th/13th/12th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPSPIC Datasheet(HTML) 2 Page - DFI Inc

  RPSPIC Datasheet HTML 1Page - DFI Inc RPSPIC Datasheet HTML 2Page - DFI Inc RPSPIC Datasheet HTML 3Page - DFI Inc RPSPIC Datasheet HTML 4Page - DFI Inc RPSPIC Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USB 2.0
SMBus
DIO
Intel® H610E
Chipset
LGA1700
ATX 12V
power
Front
Audio
Front
Panel
DDR5 UDIMM
COM
1~4
SATA
3.0
System
Fan1
M.2
E Key
eSPI
2.5G LAN
DVI-I
USB 3.2
Gen2
SATA
Power
www.dfi.com
0
8.40
12.49
12.90
19.49
44.75
75.49
81.71
116.23
121.31
126.39
0
4.95
27.71
62.84
94.62
102.60
121.31
123.89
20.52
13.45
10.55
14.50
0
99.72
97.60
88.45
17.90
106.80
MECHANICAL DRAWING
0
8.40
12.49
12.90
19.49
44.75
75.49
81.71
116.23
121.31
126.39
0
4.95
27.71
62.84
94.62
102.60
121.31
123.89
20.52
13.45
10.55
14.50
0
99.72
97.60
88.45
17.90
106.80
Top View
Bottom View
RPSPIC-H610E
RPSPIC-H610E
Top View



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com