Electronic Components Datasheet Search
  English  ▼

X  

RPSPIC Datasheet(PDF) 3 Page - DFI Inc

Part # RPSPIC
Description  14th/13th/12th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPSPIC Datasheet(HTML) 3 Page - DFI Inc

  RPSPIC Datasheet HTML 1Page - DFI Inc RPSPIC Datasheet HTML 2Page - DFI Inc RPSPIC Datasheet HTML 3Page - DFI Inc RPSPIC Datasheet HTML 4Page - DFI Inc RPSPIC Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.dfi.com
R680E
H610E
Channel A
Channel B
SATA 3.0
PCIe x4
USB 3.2
Channel A
DDI
PCIe x1
PCIe x1
PCIe x1
USB 3.2
USB 2.0
CLEAR CMOS
PCIe x1
Storage LED
CNVi
System reset
USB 2.0
Power button
SUS LED
PCI 32-bit 4x
NCSI
SIO_I2C
MDI
DDI
DDI
PCIe x16
PCIe x4 1x
or
PCIe x1 4x
USB 2.0 4x
·
EXT-HDMI
·
EXT-VGA
·
EXT-DP
·
EXT-HDMI
·
EXT-VGA
·
EXT-DP
DDR5 4000MHz UDIMM
DDR5 4000MHz UDIMM
M.2 2280 M Key
NB7NPQ1404E2M
Redriver
USB 3.2
Gen2 4x
DDR5 4000MHz UDIMM
DFI M.2 A KEY
OOB PIN DEFINE
RPS
LGA 1700
65W
OOB
M.2 3042 A Key
PICMG
INTERFACE
Super
IO
Channel B
SATA 3.0
IT6564FN
ASM1085
PCI bridge
I226V
(COLAY I210)
NB7NPQ1404E2M
Redriver
M.2 2230
E Key
Front Panel
I226LM
F81439A
ALC888S
RS232 2x
PS2 KB/MS
CPU Fan
Paralle Port
Case Open
Buzzer
CR2032 Cable
SMBus / I2C
HIN213ECAZ-T
8-Bit DIO w/ 5V_Dual
RS232/422/485 2x
BIOS Select
Audio Header
Line-out / Mic-in
80 Port
Box Header
RJ45
RJ45
USB 3.2
Gen2 2x
TPM 2.0
NPCT760AABYX
BIOS ROM
AMI SPI 256M
USB 2.0 2x
Button
NTS0104GU12
SUPER IO
DFI Display
EXT-DDI
DFI Display
EXT-DDI
VGA (Opt.)
DVI-I
DDR5 4000MHz UDIMM
SATA 4x
SATA 2x
BLOCK DIAGRAM
SPI
ESPI
SPKR
BAT
SMBus
HDA
I210 Only
H610E Only
R680E Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com