Electronic Components Datasheet Search
  English  ▼

X  

RPSPIC Datasheet(PDF) 5 Page - DFI Inc

Part # RPSPIC
Description  14th/13th/12th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPSPIC Datasheet(HTML) 5 Page - DFI Inc

  RPSPIC Datasheet HTML 1Page - DFI Inc RPSPIC Datasheet HTML 2Page - DFI Inc RPSPIC Datasheet HTML 3Page - DFI Inc RPSPIC Datasheet HTML 4Page - DFI Inc RPSPIC Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
PACKING LIST
• 1 RPSPIC-R680E/H610E board
• 1 Dual USB2.0 port cable (with bracket)
A81-001066-016G
• 2 COM port cable (with bracket)
TBD
• 2 Serial ATA data cable
332-553001-005G
• 1 I/O shield
TBD
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
SPECIFICATION
Model Name
RPSPIC-R680E
RPSPIC-H610E
GRAPHICS
Display
1 x DVI-I (colay VGA)
2 x DFI display extension port
(DP/HDMI/VGA available)
DVI-I/VGA: resolution up to 1920x1200 @ 60Hz
HDMI/VGA: resolution up to 1920x1080 @ 60Hz
DP: resolution up to 1920x1200 @ 60Hz
1 x DVI-I (colay VGA)
2 x DFI display extension port
(DP/HDMI/VGA available)
DVI-I/VGA: resolution up to 1920x1200 @ 60Hz
HDMI/VGA: resolution up to 1920x1080 @ 60Hz
DP: resolution up to 1920x1200 @ 60Hz
Triple
Displays
DVI-I(colay VGA) +
DFI display extension port(DP/HDMI/VGA available)
DVI-I(colay VGA) +
DFI display extension port(DP/HDMI/VGA available)
EXPANSION
Interface
1 x M.2 2230 E Key (USB 2.0x1/CNVix1/PCIe3.0 x1)
1 x M.2 2280 M Key (PCIe 4.0x4)
1 x M.2 3042 A Key for M2A-OOB
1 x M.2 2230 E Key (USB 2.0x1/CNVix1/PCIe3.0 x1)
1 x M.2 3042 A Key for M2A-OOB
AUDIO
Audio Codec Realtek ALC888S
Realtek ALC888S
ETHERNET
Controller
1 x Intel® I226-LM (Core i9/i7/i5 support iAMT)
1 x Intel® I226-V (colay i210AT)
1 x Intel® I226-V
1 x Intel® I226-V (colay i210AT)
REAR I/O
Ethernet
2 x 2.5GbE (RJ-45)
2 x 2.5GbE (RJ-45)
USB
2 x USB 3.2 Gen2
2 x USB 3.2 Gen2
Display
1 x DVI-I (colay VGA)
1 x DVI-I (colay VGA)
INTERNAL I/O
Serial
2 x RS232/422/485 w/o Power (2.0 pitch BOX)
by BIOS select
2 x RS232 w/o Power, 2.0 pitch BOX
2 x RS232/422/485 w/o Power (2.0 pitch BOX)
by BIOS select
2 x RS232 w/o Power, 2.0 pitch BOX
USB
4 x USB 3.2 Gen 2 BOX
2 x USB 2.0 (2x5 2.0mm pitch header)
2 x USB 2.0 (2x5 2.0mm pitch header)
Display
2 x DFI display extension port
(DP/HDMI/VGA available)
2 x DFI display extension port
(DP/HDMI/VGA available)
Audio
1 x Front Audio Header (1 x Line-out, 1 x Mic-in)
1 x Front Audio Header (1 x Line-out, 1 x Mic-in)
SATA
6 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
DIO
1 x 8-bit DIO BOX
1 x 8-bit DIO BOX
SMBus
1 x SMBus
1 x SMBus
PS/2
1 x PS/2 (2.54mm pitch)
1 x PS/2 (2.54mm pitch)
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM 2.0
Nuvoton TPM 2.0
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
Expansion Goldfinger
8-pin ATX 12V power
Expansion Goldfinger
Consumption TBD
TBD
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
ENVIRONMENT
Temperature Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
TBD
MECHANISM
Dimensions
Full Size PICMG 1.3
338mm (13.3") x 126.39mm (4.98")
Full Size PICMG 1.3
338mm (13.3") x 126.39mm (4.98")
Height
PCB: TBD
Top Side: TBD
Bottom Side: TBD
PCB: TBD
Top Side: TBD
Bottom Side: TBD
STANDARDS
AND
CERTIFICATIONS
Certification
CE, FCC Class B, RoHS
CE, FCC Class B, RoHS
ORDERING INFORMATION
Model Name
P/N
PCH
2.5 GbE
DDR5
USB 3.2
Gen2
USB 2.0 COM
SATA
TPM
Power
Temp.
RPSPIC-R680E
770-RPSPIC1-000G
R680E
2
4 ECC/Non ECC
6
2
4
6
dTPM
8-pin ATX 12V power
Expansion Goldfinger
-5 to 65°C
RPSPIC-H610E
770-RPSPIC1-100G
H610E
4
2 Non ECC
2
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com