Electronic Components Datasheet Search
  English  ▼

X  

2853721 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2853721
Description  ME 17,5 OT-MSTBO BU - Upper housing p
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2853721 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2853721 Datasheet HTML 1Page - PHOENIX CONTACT 2853721 Datasheet HTML 2Page - PHOENIX CONTACT 2853721 Datasheet HTML 3Page - PHOENIX CONTACT 2853721 Datasheet HTML 4Page - PHOENIX CONTACT 2853721 Datasheet HTML 5Page - PHOENIX CONTACT 2853721 Datasheet HTML 6Page - PHOENIX CONTACT 2853721 Datasheet HTML 7Page - PHOENIX CONTACT 2853721 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Thickness of the PCB
1.4 mm ... 1.8 mm
Mounting
Mounting type
Latching with lower housing part
Packaging specifications
Type of packaging
packed in cardboard
Outer packaging type
Carton
ME 17,5 OT-MSTBO BU - Upper housing part
2853721
https://www.phoenixcontact.com/us/products/2853721
Feb 26, 2025, 2:39 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com