Electronic Components Datasheet Search
  English  ▼

X  

2853721 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2853721
Description  ME 17,5 OT-MSTBO BU - Upper housing p
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2853721 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2853721 Datasheet HTML 1Page - PHOENIX CONTACT 2853721 Datasheet HTML 2Page - PHOENIX CONTACT 2853721 Datasheet HTML 3Page - PHOENIX CONTACT 2853721 Datasheet HTML 4Page - PHOENIX CONTACT 2853721 Datasheet HTML 5Page - PHOENIX CONTACT 2853721 Datasheet HTML 6Page - PHOENIX CONTACT 2853721 Datasheet HTML 7Page - PHOENIX CONTACT 2853721 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Product properties
Product type
Upper housing part
Housing type
DIN rail housing
Housing series
ME
Product family
ME 17,5..
Number of positions
12
16 (pitch: 3.5 mm)
12 (pitch: 5 mm)
Max. number of positions
8 (pitch: 7.25 mm)
Number of rows
2
Type
Upper housing part for connectors with header
Ventilation openings present
no
Dimensions
Dimensional drawing
Width
17.6 mm
Height
99 mm
Depth
45.85 mm
Depth from base support surface
38.5 mm
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Upper housing part)
blue (RAL 5015)
Flammability rating according to UL 94
V0
CTI according to IEC 60112
600
Housing material
PA
Surface characteristics
untreated
Environmental and real-life conditions
ME 17,5 OT-MSTBO BU - Upper housing part
2853721
https://www.phoenixcontact.com/us/products/2853721
Feb 26, 2025, 2:39 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com