Electronic Components Datasheet Search
  English  ▼

X  

2853721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2853721
Description  ME 17,5 OT-MSTBO BU - Upper housing p
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2853721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2853721 Datasheet HTML 1Page - PHOENIX CONTACT 2853721 Datasheet HTML 2Page - PHOENIX CONTACT 2853721 Datasheet HTML 3Page - PHOENIX CONTACT 2853721 Datasheet HTML 4Page - PHOENIX CONTACT 2853721 Datasheet HTML 5Page - PHOENIX CONTACT 2853721 Datasheet HTML 6Page - PHOENIX CONTACT 2853721 Datasheet HTML 7Page - PHOENIX CONTACT 2853721 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Upper housing part for connectors with header, width: 17.6 mm, height: 99 mm,
depth: 45.85 mm, color: blue (similar RAL 5015)
Your advantages
Tool-free mounting
•
Available in overall widths from 12.5 mm ... 90 mm, modular extension is possible
•
Flammability rating V0 in accordance with UL 94
•
Variety of connection technology
•
Can be mounted on the DIN rail
•
With integrated or DIN-rail-mountable bus connector as an option
•
Commercial data
Item number
2853721
Packing unit
100 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Sales key
AC08
Product key
ACHAAD
GTIN
4017918448615
Weight per piece (including packing)
11.513 g
Weight per piece (excluding packing)
9.105 g
Customs tariff number
85389099
Country of origin
DE
ME 17,5 OT-MSTBO BU - Upper housing part
2853721
https://www.phoenixcontact.com/us/products/2853721
Feb 26, 2025, 2:39 AM
Page 1 (8)


Similar Part No. - 2853721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28537 ETC2-28537 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2853718 PHOENIX-2853718 Datasheet
349Kb / 10P
ME 17,5 OT-MSTBO SET BU - Upper housing part
2853734 PHOENIX-2853734 Datasheet
61Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 16-pos., housing width: 22.5 mm
2853747 PHOENIX-2853747 Datasheet
81Kb / 7P
Upper part of housing, for COMBICON connection, double-level
2853750 PHOENIX-2853750 Datasheet
85Kb / 6P
Base strip - MSTBO 2,5/ 3-G1L KMGY
More results

Similar Description - 2853721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2709561 PHOENIX-2709561 Datasheet
151Kb / 4P
Electronic housing - ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
2278940 PHOENIX-2278940 Datasheet
199Kb / 10P
Upper part of housing - ME 17,5 OTU-MKDSO KMGY
11/25/2021
1340863 PHOENIX-1340863 Datasheet
497Kb / 12P
Upper part of housing - BC 107,6 OT 1D1K1P0RKMGY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com