Electronic Components Datasheet Search
  English  ▼

X  

AD3530R Datasheet(PDF) 33 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 33 Page - Analog Devices

Back Button AD3530R Datasheet HTML 29Page - Analog Devices AD3530R Datasheet HTML 30Page - Analog Devices AD3530R Datasheet HTML 31Page - Analog Devices AD3530R Datasheet HTML 32Page - Analog Devices AD3530R Datasheet HTML 33Page - Analog Devices AD3530R Datasheet HTML 34Page - Analog Devices AD3530R Datasheet HTML 35Page - Analog Devices AD3530R Datasheet HTML 36Page - Analog Devices AD3530R Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 33 of 45
Table 16. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Device Chip Type/Family. The product ID should be used in conjunction with chip type to identify a
product.
0x0
R
CHIP GRADE REGISTER
Address: 0x06, Reset: 0x01, Name: CHIP_GRADE
Identifies product variations and device revisions
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] GRADE (R)
[3:0] DEVICE_REVISION (R)
Table 17. Bit Descriptions for CHIP_GRADE
Bits
Bit Name
Description
Reset
Access
[7:4]
GRADE
Device Performance Grade.
0x0
R
[3:0]
DEVICE_REVISION
Device Hardware Revision.
0x1
R
SCRATCH PAD REGISTER
Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
Can be used to test writes and reads
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SCRATCH_VALUE (R/W)
Table 18. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCH_VALUE
Software Scratchpad. Software can write to and read from this location without any device side effects.
0x0
R/W
SPI REVISION REGISTER
Address: 0x0B, Reset: 0x84, Name: SPI_REVISION
Indicates the SPI interface revision
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
1
[7:6] SPI_TYPE (R)
[5:0] VERSION (R)
Table 19. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Description
Reset
Access
[7:6]
SPI_TYPE
Always Reads as 0x2.
0x2
R
[5:0]
VERSION
SPI Version.
0x4
R
VENDOR ID LOW REGISTER
Address: 0x0C, Reset: 0x56, Name: VENDOR_L
Low byte of the vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com