Electronic Components Datasheet Search
  English  ▼

X  

AD3530R Datasheet(PDF) 25 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD3530R Datasheet HTML 21Page - Analog Devices AD3530R Datasheet HTML 22Page - Analog Devices AD3530R Datasheet HTML 23Page - Analog Devices AD3530R Datasheet HTML 24Page - Analog Devices AD3530R Datasheet HTML 25Page - Analog Devices AD3530R Datasheet HTML 26Page - Analog Devices AD3530R Datasheet HTML 27Page - Analog Devices AD3530R Datasheet HTML 28Page - Analog Devices AD3530R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Data Sheet
AD3530/AD3530R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 45
POWER SUPPLY RECOMMENDATIONS
The AD3530/AD3530R do not have any restrictions for power
supply sequencing. The outputs are maintained at POR state with a
known pull-down resistance until proper register configurations are
set.
The AD3530/AD3530R must have an ample supply bypassing of
10μF in parallel with 0.1μF on each supply, located as close to
the package as possible (ideally directly against the device). The
VREF pin, on the other hand, has a maximum capacitive load of
0.5nF as stated in Table 2. The 10μF capacitors are the tantalum
bead type. The 0.1μF and 0.5nF capacitors must have low effective
series resistance (ESR) and low effective series inductance (ESL).
Common ceramic capacitors provide a low impedance path to
ground at high frequencies to handle transient currents due to
internal logic switching.
LAYOUT GUIDELINES
The pin configurations of the AD3530/AD3530R are arranged in a
way that facilitates optimal layout, an example of which is shown
in Figure 69. Most digital high speed lines are located on one side
of the chip, with the analog functions of each DAC symmetrically
distributed along the other three sides. This arrangement allows
routing of the digital lines straight away from the analog functions.
Figure 69. Evaluation Board Layout
The following are some PCB design recommendation to obtain the
best performance for the AD3530/AD3530R:
►
Ensure that the power supply line has as large a trace as
possible to provide a low impedance path and reduce glitch
effects on the supply line.
►
A low impedance analog ground plane and star grounding tech-
niques are recommended. It is advised to keep the ground layer
continuous to minimize ground resistance.
►
Shield clocks and other fast switching digital signals from other
parts of the board by using a digital ground.
►
Avoid crossover of digital and analog signals if possible. When
traces cross on opposite sides of the board, ensure that they run
at 45° or 90° angles to each other to reduce feedthrough effects
through the board.
►
For clock rates around the device maximum of 50MHz, it is
advised to add series resistors near the source I/O pins. Values
from 22Ω to 100Ω are commonly used and would help improve
signal integrity by reducing ringing and reflections caused by the
fast signal transitions.
HEADROOM AND FOOTROOM
Headroom and footroom refers to the voltage difference between
the supply voltage and the intended output voltage of the DAC for
a specified output load current. If the supply voltage headroom or
footroom is insufficient, the pass element of the integrated output
amplifier of the DAC acts like a resistor instead of an ideal switch.
This causes the output voltage to drop as the load current increas-
es.
The AD3530/AD3530R have very low typical headroom require-
ments of 25mV/20mA and 50mV/20mA for footroom. The typical
performance is shown in Figure 20. The voltage drop is generally
linear in nature, hence, can be calculated by multiplying the load
current by the headroom/footroom specification. For example, we
have a 5V supply and a 5V setting at the output of the DAC. If
the DAC starts sourcing current of 30mA to a load, the DAC output
voltage would be around 4.963V.
For a footroom example, a DAC output that is sinking 30mA of
current would result to an output voltage that is 75mV above ground
potential.
DAC UPDATE
There are multiple ways of updating the DAC_CHn registers,
hence VOUTn, Figure 70 shows a flow chart of options to update
DAC_CHn registers considering several factors such as single vs.
multiple channel updates, similar vs. unique data, and the mode of
LDAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com