Electronic Components Datasheet Search
  English  ▼

X  

AD3530R Datasheet(PDF) 35 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 35 Page - Analog Devices

Back Button AD3530R Datasheet HTML 31Page - Analog Devices AD3530R Datasheet HTML 32Page - Analog Devices AD3530R Datasheet HTML 33Page - Analog Devices AD3530R Datasheet HTML 34Page - Analog Devices AD3530R Datasheet HTML 35Page - Analog Devices AD3530R Datasheet HTML 36Page - Analog Devices AD3530R Datasheet HTML 37Page - Analog Devices AD3530R Datasheet HTML 38Page - Analog Devices AD3530R Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 35 of 45
Table 23. Bit Descriptions for TRANSFER_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
[1:0]
RESERVED
Reserved.
0x0
R
INTERFACE CONFIGURATION C REGISTER
Address: 0x10, Reset: 0x23, Name: INTERFACE_CONFIG_C
Additional Interface Configuration Settings
0
1
1
1
2
0
3
0
4
0
5
1
6
0
7
0
[7:6] CRC_ENABLE (R/W)
[1:0] CRC_ENABLEB (R/W)
[5] STRICT_REGISTER_ACCESS (R)
[3:2] ACTIVE_INTERFACE_MODE (R)
[4] RESERVED
Table 24. Bit Descriptions for INTERFACE_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:6]
CRC_ENABLE
CRC Enable. This register is written to enable/disable the use of CRC on the interface. The
CRC_EnableB bit field must also be written with the inverted value of this bit field for the CRC to
be enabled.
0x0
R/W
00: CRC disabled.
01: CRC enabled.
5
STRICT_REGISTER_ACCESS
Multibyte Registers Must Be Read/Written in Full. When this mode is enabled, all bytes of a
multibyte register must be read/written in full.
0x1
R
0: Normal mode; no access restrictions.
1: Strict mode; multibyte registers require all bytes accessed.
4
RESERVED
Reserved.
0x0
R
[3:2]
ACTIVE_INTERFACE_MODE
Active Mode the SPI Interface Is Operating In.
0x0
R
[1:0]
CRC_ENABLEB
Inverted CRC Enable. This must be written with the inverted value of the CRC_ENABLE.
10: CRC enabled.
11: CRC disabled.
0x3
R/W
INTERFACE STATUS A REGISTER
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS_A
Status bits are set to 1 to indicate an active condition. They may be cleared by writing a 1 to the corresponding bit location.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] NOT_READY_ERR (R/W1C)
[0] RESERVED
[6:5] RESERVED
[1] REGISTER_PARTIAL_ACCESS_ERR (R/W1C)
[4] CLOCK_COUNT_ERR (R/W)
[2] RESERVED
[3] CRC_ERR (R/W1C)
Table 25. Bit Descriptions for INTERFACE_STATUS_A
Bits
Bit Name
Description
Reset
Access
7
NOT_READY_ERR
Device Not Ready for Transaction. This error bit is set if the user attempts to execute a SPI
transaction before the completion of digital initialization.
0x0
R/W1C
[6:5]
RESERVED
Reserved.
0x0
R
4
CLOCK_COUNT_ERR
Incorrect Number of Clocks Detected in a Transaction.
0x0
R/W
3
CRC_ERR
Invalid/No CRC Received. This is set when the controller fails to send a CRC or when the
device calculates and checks the CRC and finds the CRC value is incorrect.
0x0
R/W1C
2
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com