Electronic Components Datasheet Search
  English  ▼

X  

LTC7892 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7892
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7892 Datasheet(HTML) 4 Page - Analog Devices

  LTC7892 Datasheet HTML 1Page - Analog Devices LTC7892 Datasheet HTML 2Page - Analog Devices LTC7892 Datasheet HTML 3Page - Analog Devices LTC7892 Datasheet HTML 4Page - Analog Devices LTC7892 Datasheet HTML 5Page - Analog Devices LTC7892 Datasheet HTML 6Page - Analog Devices LTC7892 Datasheet HTML 7Page - Analog Devices LTC7892 Datasheet HTML 8Page - Analog Devices LTC7892 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
4 of 50
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TJ = -40°C to +125°C for the minimum and maximum values, TA = 25°C for the typical values,
VBIAS = 12V, RUN1 and RUN2 = 5V, VPRG1 = Float, EXTVCC = 0V, DRVSET = 0V, DRVUV = 0V, DTCA and DTCB = 0V,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Input Supply
Bias Input Supply
Operating Range
VBIAS
4
100
V
Boost Converter Input
Supply Operating
Range
VIN
VBIAS ≥ 4V
1
60
V
Output Voltage
Operating Range
VOUT1,OUT2
1.2
100
V
Controller Operation
Channel 1 Regulated
Feedback Voltage
VFB1
VBIAS = 4V to 100V,
ITH1 Voltage = 0.6V to 1.2V
VPRG1 = floating, TA = 25°C
VPRG1 = floating
VPRG1 = 0V
VPRG1 = INTVCC
1.188
1.182
23.45
27.38
1.2
1.2
24
28
1.212
1.218
24.55
28.62
V
V
V
V
Channel 2 Regulated
Feedback Voltage1
VFB2
VBIAS = 4V to 100V,
ITH2 Voltage = 0.6V to 1.2V
TA = 25°C
1.188
1.182
1.2
1.2
1.212
1.218
V
V
Channel 1 Feedback
Current1
VPRG1 = floating, TA = 25°C
VPRG1 = 0V or INTVCC
-50
0
2
+50
nA
µA
Channel 2 Feedback
Current1
TA = 25°C
-50
0
+50
nA
Feedback Overvoltage
Threshold
Relative to VFBx, TA = 25°C
7
10
13
%
Transconductance
Amplifier1
gm1, gm2
ITH1 and ITH2 = 1.2V,
Sink and Source = 5µA
1.8
mmho
Maximum Current
Sense Threshold
VSENSE(MAX)
VFBx = 1.1V, SENSEx+ = 12V
ILIM = 0V
ILIM = floating
ILIM = INTVCC
21
45
67
25
50
75
31
55
83
mV
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com