Electronic Components Datasheet Search
  English  ▼

X  

LTC7892 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC7892
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7892 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC7892 Datasheet HTML 38Page - Analog Devices LTC7892 Datasheet HTML 39Page - Analog Devices LTC7892 Datasheet HTML 40Page - Analog Devices LTC7892 Datasheet HTML 41Page - Analog Devices LTC7892 Datasheet HTML 42Page - Analog Devices LTC7892 Datasheet HTML 43Page - Analog Devices LTC7892 Datasheet HTML 44Page - Analog Devices LTC7892 Datasheet HTML 45Page - Analog Devices LTC7892 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
42 of 50
4.
Select the RSENSE resistor value. The peak inductor current is the maximum DC output current plus half the
inductor ripple current, or 8A x (1 + 0.31 / 2) = 9.24A in this case. The RSENSE resistor value is then calculated
based on the minimum value for the maximum current sense threshold (45mV for ILIM = float) given by
Equation 27, as follows:
RSENSE ≤
45mV
9.24A
≈ 4
mΩ
(27)
To allow for additional margin, a lower value RSENSE can be used. However, be sure that the inductor
saturation current has a sufficient margin above VSENSE(MAX)/ RSENSE, where the maximum value of 55mV is used
for VSENSE(MAX).
5.
Select the feedback resistors. Choosing 1% resistors: RA = 5kΩ and RB = 95.3kΩ yields an output voltage of
24.07V. The resistance values selected give a feedback divider current of 24.07V / (5kΩ + 95.3kΩ) = 240µA.
6.
Select the FETs. The best way to evaluate FET performance in a particular application is to build and test the
circuit on the bench, facilitated by an LTC7892 evaluation board. However, an educated guess about the
application is helpful to initially select FETs. Because this is a high current, low voltage application, I2R losses
will likely dominate over transition losses for the bottom FET. Therefore, choose a FET with a lower RDS(ON) as
opposed to a lower gate charge to minimize the combined loss terms. The top FET does not experience
transition losses, and its power loss is generally dominated by I2R losses. For this reason, the top FET is
typically chosen to have a lower RDS(ON) and subsequently, higher gate charge than the bottom FET.
7.
When using silicon MOSFETs, be sure to select logic level threshold MOSFETs because the gate drive voltage
is limited to 5.5V (INTVCC).
8.
Select the output capacitor. COUT is chosen to filter the square current in the output. The maximum output
current peak is given by Equation 28, as follows:
IOUT(PEAK) = IOUT(MAX) • (1 +
RIPPLE%
2
) = 4 • (1 +
31%
2
) = 4.62A
(28)
A low ESR (5mΩ) capacitor is suggested. This capacitor will limit output voltage ripple to 23.1mV (assuming
ESR dominates the ripple).
9.
Determine the bias supply components. If another supply is available that is above the INTVCC regulation
voltage and below VIN, for example, an 8.5V supply, connect that supply to EXTVCC to improve the efficiency.
For a 6.7ms soft start, select a 0.1μF capacitor for the SSx pin. As a first-pass estimate for the bias
components, select the INTVCC capacitance (CINTVCC) = 4.7μF and boost supply capacitor (CB)= 0.1μF.
10.
Determine and set application-specific parameters. Set the MODE pin based on the trade-off of light load
efficiency and constant frequency operation. Set the PLLIN/SPREAD pin based on whether a fixed, spread
spectrum, or phase-locked frequency is desired. The RUNx pin can be used to control the minimum input
voltage for regulator operation or can be tied to VIN for always-on operation. Use ITHx compensation
components from the typical applications as a first guess, check the transient response for stability, and
modify as necessary. Program the DTCA and DTCB pins for the desired dead time delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com