Electronic Components Datasheet Search
  English  ▼

X  

LTC7892 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7892
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7892 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7892 Datasheet HTML 9Page - Analog Devices LTC7892 Datasheet HTML 10Page - Analog Devices LTC7892 Datasheet HTML 11Page - Analog Devices LTC7892 Datasheet HTML 12Page - Analog Devices LTC7892 Datasheet HTML 13Page - Analog Devices LTC7892 Datasheet HTML 14Page - Analog Devices LTC7892 Datasheet HTML 15Page - Analog Devices LTC7892 Datasheet HTML 16Page - Analog Devices LTC7892 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
13 of 50
FET gate to adjust the gate falling slew rate. BGDN1 also serves as the Kelvin sense of
the bottom FET gate during turn-on.
30
BOOST1
Bootstrapped Supply to the Top Side Floating Driver for Channel 1. Connect a
capacitor between the BOOST1 and SW1 pins. An internal switch provides power to the
BOOST1 pin from DRVCC when the bottom FET turns on. The voltage swing at the
BOOST1 pin is from DRVCC to (VOUT1 + DRVCC).
31
SW1
Switch Node Connection to Inductor for Channel 1.
32
TGDN1
High Current Gate Driver Pull-Down for Top FET for Channel 1. TGDN1 pulls down to
SW. Tie TGDN1 directly to the top FET gate for maximum gate drive transition speed on
the gate falling edge. A resistor can be tied between TGDN1 and the top FET gate to
adjust the gate falling slew rate.
33
TGUP1
High Current Gate Driver Pull-Up for Top FET for Channel 1. TGUP1 pulls up to BOOST1.
Tie TGUP1 directly to the top FET gate for maximum gate drive transition speed on the
gate rising edge. A resistor can be tied between TGUP1 and the top FET gate to adjust
the gate rising slew rate.
34
PGOOD1
Power Good Open Drain Logic Output for Channel 1. PGOOD1 is pulled to ground when
the voltage on VFB1 is not within ±10% of its set point.
35
VPRG1
Output Voltage Control Pin for Channel 1. VPRG1 sets the adjustable output mode for
Channel 1 using external feedback resistors or fixed 28V/24V output mode. Floating
VPRG1 programs the output from 1.2V to 100V with an external resistor divider,
regulating VFB1 to 1.2V. Connect VPRG1 to INTVCC or GND to program the output to 28V
or 24V, respectively, through an internal resistor divider on VFB1.
36
SS1
External Soft Start Input for Channel 1. SS1 regulates the VFB1 voltage to the lesser of
1.2V or the voltage on the SS1 pin. An internal 12μA pull-up current source is
connected to SS1. A capacitor to GND at SS1 sets the ramp time to the final regulated
output voltage. The ramp time is equal to 1ms for every 10nF of capacitance.
37
ITH1
Error Amplifier Output and Switching Regulator Compensation Point for Channel 1.
The current comparator trip point increases with this control voltage.
38
VFB1
Error Amplifier Feedback Input for Channel 1. If the VPRG1 pin is floating, VFB1 receives
the remotely sensed feedback voltage for Channel 1 from an external resistive divider
across the output. If VPRG1 is tied to INTVCC or GND, the VFB1 pin receives the remotely
sensed output voltage directly.
39
SENSE1-
Negative Input to the Differential Current Comparator for Channel 1. The ITH1 pin
voltage and controlled offset between the SENSE1+ and SENSE1- pins, in conjunction
with the current sense resistor (RSENSE), set the current trip threshold.
40
SENSE1+
Positive Input to the Differential Current Comparator for Channel 1. The SENSE1+ pin
supplies current to the current comparator for Channel 1 when SENSE1+ is greater than
INTVCC.
41
GND
(Exposed
Pad)
Ground (Exposed Pad). The exposed pad must be soldered to PCB ground for rated
electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com