Electronic Components Datasheet Search
  English  ▼

X  

LTC7890 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7890
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7890 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7890 Datasheet HTML 17Page - Analog Devices LTC7890 Datasheet HTML 18Page - Analog Devices LTC7890 Datasheet HTML 19Page - Analog Devices LTC7890 Datasheet HTML 20Page - Analog Devices LTC7890 Datasheet HTML 21Page - Analog Devices LTC7890 Datasheet HTML 22Page - Analog Devices LTC7890 Datasheet HTML 23Page - Analog Devices LTC7890 Datasheet HTML 24Page - Analog Devices LTC7890 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
21 of 50
Dead Time Control (DTCA and DTCB Pins)
The LTC7892 dead time delays can be programmed from 7ns to 60ns through the configuration of the DTCA and DTCB
pins. The DTCA pin programs the dead time associated with the bottom FET turning off and the top FET turning on
(SWx going from low to high). The DTCB pin programs the dead time associated with the top FET turning off and the
bottom FET turning on (SWx going from high to low).
Tying the DTCA pin to ground programs adaptive dead time control, which means the driver logic waits for the
bottom FET to turn off before turning on the top FET. Adaptive dead time control results in dead times of
approximately 15ns between BGx falling to TGx rising. Placing a resistor between the DTCA pin and ground programs,
the open-loop delay between the bottom FET turning off and the top FET turning on. This delay can be programmed
between 7ns and 60ns. See the Dead Time Control (DTCA and DTCB Pins) section for more information.
Tying the DTCB pin to ground programs adaptive dead time control, which means the driver logic waits for the top
FET to turn off before turning on the bottom FET. Adaptive dead time control results in dead times of approximately
15ns between TGx falling to BGx rising. Placing a resistor between the DTCB pin and ground programs the open-loop
delay between the top FET turning off and the bottom FET turning on. This delay can be programmed between 7ns
and 60ns. See the Dead Time Control (DTCA and DTCB Pins) section for more information.
Start-Up and Shutdown (RUN and SS Pins)
The two channels of the LTC7892 can be independently shut down using the RUN1 and RUN2 pins. Pulling a RUNx
pin below 1.1V shuts down the main control loop for that channel. Pulling both RUNx pins below 0.7V disables both
controllers and most internal circuits, including the INTVCC LDO regulators. In this shutdown state, the LTC7892 draws
only 1μA of current from VBIAS.
The RUNx pin needs to be externally pulled up or driven directly by logic. Each RUNx pin can tolerate up to 100V. See
Absolute Maximum Ratings for more details. Therefore, the RUNx pin can be conveniently tied to VIN or VBIAS in always-
on applications where one or both controllers are enabled continuously and never shut down. Additionally, a
resistive divider from VIN to a RUNx pin can be used to set a precise input undervoltage lockout so that the power
supply does not operate below a user-adjustable level.
The start-up of each channel’s output voltage VOUTx is controlled by the voltage on the corresponding SSx pin. When
the voltage on the SSx pin is less than the 1.2V internal reference voltage, the LTC7892 regulates the VFBx voltage to
the SSx pin voltage instead of the 1.2V reference voltage. This allows the SSx pin to be used as a soft-start which
smoothly ramps the output voltage on start-up. An external capacitor from the SSx pin to GND is charged by an
internal 12μA pull-up current, creating a voltage ramp on the SSx pin. As the SSx voltage rises linearly from 0V to 1.2V
(and beyond), the output voltage VOUTx rises smoothly to its final value.
Light Load Operation: Burst Mode Operation, Pulse-Skipping Mode, or
Forced Continuous Mode (MODE Pin)
The LTC7892 can be set to enter high-efficiency Burst Mode operation, constant frequency PS mode, or forced
continuous conduction mode at low load currents.
To select the Burst Mode operation, tie the MODE pin to GND. To select forced continuous operation, tie the MODE
pin to INTVCC. To select PS mode, tie the MODE pin to a DC voltage greater than 1.2V and less than INTVCC – 1.3V. An
internal 100kΩ resistor to ground invokes Burst Mode operation when the MODE pin is floating, and PS mode when
the MODE pin is tied to INTVCC through an external 100kΩ resistor.
When the controllers are enabled for Burst Mode operation, the minimum peak current in the inductor is set to
approximately 25% of its maximum value, even though the voltage on the ITHx pin might indicate a lower value. If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com