Electronic Components Datasheet Search
  English  ▼

X  

STCN75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 1 Page - STMicroelectronics

  STCN75 Datasheet HTML 1Page - STMicroelectronics STCN75 Datasheet HTML 2Page - STMicroelectronics STCN75 Datasheet HTML 3Page - STMicroelectronics STCN75 Datasheet HTML 4Page - STMicroelectronics STCN75 Datasheet HTML 5Page - STMicroelectronics STCN75 Datasheet HTML 6Page - STMicroelectronics STCN75 Datasheet HTML 7Page - STMicroelectronics STCN75 Datasheet HTML 8Page - STMicroelectronics STCN75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
June 2007
Rev 5
1/35
1
STCN75
Digital temperature sensor and thermal watchdog
Features
■ Measures temperatures from –55°C to +125°C
(–67°F to +257°F)
– ±2°C accuracy from –25°C to
+100°C (max)
■ Low operating current:125µA (typ)
■ No external components required
■ 2-Wire I2C/SMBus-compatible serial interface
– Selectable bus address allows connection
of up to eight devices on the bus
■ Wide power supply range-operating voltage
range: 2.7V to 5.5V
■ Conversion time is 45ms (typ)
■ Programmable temperature threshold and
hysteresis set points
■ Pin- and software-compatible with TCN75
(Drop-in replacement)
■ Power-up defaults permit standalone operation
as a thermostat
■ Shutdown mode to minimize power
consumption
■ Output pin (open drain) can be configured for
interrupt or comparator/thermostat mode (Dual
Purpose Event Pin)
■ Packages:
–SO8
– MSOP8 (TSSOP8)(a)
a.
Contact local ST sales office for availability
SO8 (M)
MSOP8
(TSSOP8) (DS)
www.st.com


Similar Part No. - STCN75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STCN75DS2E STMICROELECTRONICS-STCN75DS2E Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STCN75DS2F STMICROELECTRONICS-STCN75DS2F Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STCN75M2E STMICROELECTRONICS-STCN75M2E Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STCN75M2F STMICROELECTRONICS-STCN75M2F Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
More results

Similar Description - STCN75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com