Electronic Components Datasheet Search
  English  ▼

X  

STCN75 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 10Page - STMicroelectronics STCN75 Datasheet HTML 11Page - STMicroelectronics STCN75 Datasheet HTML 12Page - STMicroelectronics STCN75 Datasheet HTML 13Page - STMicroelectronics STCN75 Datasheet HTML 14Page - STMicroelectronics STCN75 Datasheet HTML 15Page - STMicroelectronics STCN75 Datasheet HTML 16Page - STMicroelectronics STCN75 Datasheet HTML 17Page - STMicroelectronics STCN75 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Operation
STCN75
14/35
2.7
Temperature data format
Table 3 shows the relationship between the output digital data and the external
temperature. Temperature data for the Temperature, TOS, and THYS registers is
represented as a 9-bit, two’s complement word.
The left-most bit in the output data stream contains temperature polarity information for each
conversion. If the sign bit is '0', the temperature is positive and if the sign bit is '1,' the
temperature is negative.
Table 3.
Relationship between temperature and digital output
Temperature
Digital output
Binary
HEX
+125°C
0 1111 1010
0FAh
+25°C
0 0011 0010
032h
+0.5°C
0 0000 0001
001h
0°C
0 0000 0000
000h
–0.5°C
1 1111 1111
1FFh
–25°C
1 1100 1110
1CEh
–40°C
1 1011 0000
1B0h
–55°C
1 1001 0010
192h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com