Electronic Components Datasheet Search
  English  ▼

X  

STCN75 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 8Page - STMicroelectronics STCN75 Datasheet HTML 9Page - STMicroelectronics STCN75 Datasheet HTML 10Page - STMicroelectronics STCN75 Datasheet HTML 11Page - STMicroelectronics STCN75 Datasheet HTML 12Page - STMicroelectronics STCN75 Datasheet HTML 13Page - STMicroelectronics STCN75 Datasheet HTML 14Page - STMicroelectronics STCN75 Datasheet HTML 15Page - STMicroelectronics STCN75 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Operation
STCN75
12/35
2.3
Comparator mode
In Comparator mode, each time a temperature-to-digital (T-to-D) conversion occurs, the new
digital temperature is compared to the value stored in the TOS and THYS registers. If a fault
tolerance number of consecutive temperature measurements are greater than the value
stored in the TOS register, the OS/INT output will be asserted.
For example, if the FT1 and FT0 Bits are equal to “10” (fault tolerance = 4), four consecutive
temperature measurements must exceed TOS to activate the OS/INT output. Once the
OS/INT output is active, it will remain active until the first time the measured temperature
drops below the temperature stored in the THYS register, whereupon it will reset to its
inactive state.
Putting the device into Shutdown mode does not clear OS/INT in Comparator mode.
2.4
Interrupt mode
In Interrupt mode, the OS/INT output becomes active when the measured temperature
exceeds the TOS value a consecutive number of times as determined by the Fault Tolerance
bits (FT1, FT0) value in the Configuration register. Once activated, the OS/INT can only be
cleared by reading from any register (temperature, configuration, TOS, or THYS) on the
device. Once the OS/INT has been deactivated, it will only be reactivated when the
measured temperature falls below the THYS value a consecutive number of times equal to
the FT value. This mode is better suited for interrupt driven microprocessor based systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com