Electronic Components Datasheet Search
  English  ▼

X  

STE2004S Datasheet(PDF) 62 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 58Page - STMicroelectronics STE2004S Datasheet HTML 59Page - STMicroelectronics STE2004S Datasheet HTML 60Page - STMicroelectronics STE2004S Datasheet HTML 61Page - STMicroelectronics STE2004S Datasheet HTML 62Page - STMicroelectronics STE2004S Datasheet HTML 63Page - STMicroelectronics STE2004S Datasheet HTML 64Page - STMicroelectronics STE2004S Datasheet HTML 65Page - STMicroelectronics STE2004S Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
ID-number
STE2004S
62/79
Figure 69.
Initialization with built-in booster
SETUP NORMAL DISPLAY MODE CONFIGURATION
SET Driver in Power Down(PD=1)
SET Driver in Normal Display Mode (PE=0)
END OF NORMAL DISPLAY MODE CONFIG.
SET Operative Voltage for Normal Display Operation
( Vop[6:0] - PRS[1;0])
Switch "ON" Booster and Display Control Logic
(PD=0)
LR0218
SET Bias Raio for Normal Display Operation
(BS[2:0])
SET Temperature Compensation for
Normal Display Operation (T[2:0] or TC[1:0])
SET Multiplexing Rate
M[1:0)
SET Charge Pump for
Normal Display Operation (CP[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79