Electronic Components Datasheet Search
  English  ▼

X  

STE2004S Datasheet(PDF) 43 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 39Page - STMicroelectronics STE2004S Datasheet HTML 40Page - STMicroelectronics STE2004S Datasheet HTML 41Page - STMicroelectronics STE2004S Datasheet HTML 42Page - STMicroelectronics STE2004S Datasheet HTML 43Page - STMicroelectronics STE2004S Datasheet HTML 44Page - STMicroelectronics STE2004S Datasheet HTML 45Page - STMicroelectronics STE2004S Datasheet HTML 46Page - STMicroelectronics STE2004S Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
STE2004S
Bus interfaces
43/79
Figure 50.
8080-series parallel bus protocol - several bytes transmission
Figure 51.
8080-series parallel interface protocol in reading mode
Figure 52.
8080-series parallel interface protocol in reading mode (several bytes)
D/C
CS
WR
D0
to
D7
RD
LR0084
D/C
CS
RD
D0
to
D7
WR
LR0085
D/C
CS
RD
D0
to
D7
WR
Note 1) Data Bus is configured in high impedence mode after every RD rising edge
2) Always the same data is output on D0-D7
LR0045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79