Electronic Components Datasheet Search
  English  ▼

X  

STE2004S Datasheet(PDF) 75 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 71Page - STMicroelectronics STE2004S Datasheet HTML 72Page - STMicroelectronics STE2004S Datasheet HTML 73Page - STMicroelectronics STE2004S Datasheet HTML 74Page - STMicroelectronics STE2004S Datasheet HTML 75Page - STMicroelectronics STE2004S Datasheet HTML 76Page - STMicroelectronics STE2004S Datasheet HTML 77Page - STMicroelectronics STE2004S Datasheet HTML 78Page - STMicroelectronics STE2004S Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
STE2004S
Pad coordinates
75/79
133
R56
2773.8
337.5
166
VDD2
877.5
532.8
134
R57
2773.8
382.5
167
VDD2
832.5
532.8
135
R58
2773.8
427.5
168
VDD2
787.5
532.8
136
R59
2773.8
472.5
169
VDD2
742.5
532.8
137
R60
2632.5
532.8
170
VDD2
697.5
532.8
138
R61
2587.5
532.8
171
VDD2
652.5
532.8
139
R62
2542.5
532.8
172
_RES
337.5
532.8
140
R63
2497.5
532.8
173
-CS
247.5
532.8
141
R64/ICON
2452.5
532.8
174
D/C
157.5
532.8
142
VDD1 AUX
2227.5
532.8
175
RW-RD
67.5
532.8
143
FR IN
2182.5
532.8
176
E-WR
-22.5
532.8
144
OSC IN
2137.5
532.8
177
VSSAUX
-67.5
532.8
145
Vsns_Slave
2092.5
532.8
178
SDA_OUT
-157.5
532.8
146
TEST_VREF
1777.5
532.8
179
SDIN_SDAIN
-202.5
532.8
147
VSSAUX
1732.5
532.8
180
SDOUT
-247.5
532.8
148
SA1
1687.5
532.8
181
SCLK_SCL
-337.5
532.8
149
SA0
1642.5
532.8
182
D7
-382.5
532.8
150
M/S
1597.5
532.8
183
D6
-427.5
532.8
151
EXT_SET
1552.5
532.8
184
D5
-472.5
532.8
152
SEL3
1507.5
532.8
185
D4
-517.5
532.8
153
SEL2
1462.5
532.8
186
D3
-562.5
532.8
154
SEL1
1417.5
532.8
187
D2
-607.5
532.8
155
ICON
1372.5
532.8
188
D1
-652.5
532.8
156
VDD1
1327.5
532.8
189
D0
-697.5
532.8
157
VDD1
1282.5
532.8
190
VSSAUX
-742.5
532.8
158
VDD1
1237.5
532.8
191
TEST_MODE
-1102.5
532.8
159
VDD1
1192.5
532.8
192
VSS
-1147.5
532.8
160
VDD1
1147.5
532.8
193
VSS
-1192.5
532.8
161
VDD1
1102.5
532.8
194
VSS
-1237.5
532.8
162
VDD1
1057.5
532.8
195
VSS
-1282.5
532.8
163
VDD1
1012.5
532.8
196
VSS
-1327.5
532.8
164
VDD2
967.5
532.8
197
VSS
-1372.5
532.8
165
VDD2
922.5
532.8
198
VSS
-1417.5
532.8
Table 29. Pad coordinates
No
Name
Pad placements
No
Name
Pad placements
X
Y
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79