Electronic Components Datasheet Search
  English  ▼

X  

E5CS-X Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E5CS-X
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-X Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E5CS-X Datasheet HTML 3Page - Omron Electronics LLC E5CS-X Datasheet HTML 4Page - Omron Electronics LLC E5CS-X Datasheet HTML 5Page - Omron Electronics LLC E5CS-X Datasheet HTML 6Page - Omron Electronics LLC E5CS-X Datasheet HTML 7Page - Omron Electronics LLC E5CS-X Datasheet HTML 8Page - Omron Electronics LLC E5CS-X Datasheet HTML 9Page - Omron Electronics LLC E5CS-X Datasheet HTML 10Page - Omron Electronics LLC E5CS-X Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
E5CS-X
E5CS-X
7
Temperature Indication Switching Key
If the set temperature is shifted out-
side the temperature range as a re-
sult of changing the range, the set
temperature is displayed. It is then
automatically changed to the maxi-
mum or minimum vale of the newly
set range.
If the alarm value is shifted outside
the temperature range as a result of
changing the range, it is automati-
cally changed to the maximum value
of the newly set range.
If the alarm mode selector switch is set to “0” or “9”, no alarm value is
displayed.
On models without alarms, no alarm value is displayed.
DIP Switch Settings
The control mode and other settings are selected using the internal
DIP switch as shown below.
ON
16
5
4
3
2
PX
ON
Function
P
X
1
2
3
4
5
6
Protect
ON
OFF
---
Not
used
Control
mode
PID
ON
mode
ON/OFF
OFF
Proportional
period
2 s
ON
period
20 s
OFF
Control
output
Normal
ON
output
Reverse
OFF
Input shift
Setting
enabled
ON
Setting
disabled
OFF
Temperature
sensor
DIN
ON
sensor
standard
JIS
OFF
Scale
indicator
°F
ON
indicator
(selectable)
°C
OFF
Setting the Alarm Mode
The desired alarm mode can be chosen from one of the eight alarm
modes using the alarm mode selector switch as shown below.
Switch
setting
Mode
Alarm output
0, 9
No alarm function
OFF
1
Upper- and
lower-limit alarms
2
Upper-limit alarm
3
Lower-limit alarm
4
Upper- and
lower-limit range
alarm
5
Upper- and
lower-limit alarms
with standby
sequence (see note)
6
Upper-limit alarm
with standby
sequence (see note)
7
Lower-limit alarm
with standby
sequence (see note)
8
Absolute-value alarm
Note:
The selector switch is factory-set to “2.”
The triangular mark
Y indicates the set temperature.
X denotes alarm values.
Y denotes the set value value within the temperature range.
Operation of Standby Sequence
Alarm output set with standby sequence will operate in the way
shown below when the temperature rises above the upper-limit.
Alarm output set with standby sequence will operate in the way
shown below when the temperature drops below the upper-limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com