Electronic Components Datasheet Search
  English  ▼

X  

E5CS-X Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5CS-X
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-X Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5CS-X Datasheet HTML 4Page - Omron Electronics LLC E5CS-X Datasheet HTML 5Page - Omron Electronics LLC E5CS-X Datasheet HTML 6Page - Omron Electronics LLC E5CS-X Datasheet HTML 7Page - Omron Electronics LLC E5CS-X Datasheet HTML 8Page - Omron Electronics LLC E5CS-X Datasheet HTML 9Page - Omron Electronics LLC E5CS-X Datasheet HTML 10Page - Omron Electronics LLC E5CS-X Datasheet HTML 11Page - Omron Electronics LLC E5CS-X Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E5CS-X
E5CS-X
8
Control Mode Selection
ON/OFF Control
Pin 1 of the internal DIP switch is factory-set to OFF, so the Temper-
ature Controller performs ON/OFF control.
Pin 1 OFF: Temperature Controller performs ON/OFF.
Control output
ON
OFF
Set temperature
ON
16
5
4
3
2
PX
ON
Set pin 3 to ON when the Temperature Controller is used to control a
cooling device, such as a freezer.
Control output
ON
OFF
Set temperature
ON
16
5
4
3
2
PX
ON
PID Control
Set pin 1 of the internal DIP switch to ON to make the Temperature
Controller perform PID control. Follow the steps described below.
Pin 1 ON: Temperature Controller performs PID control.
ON
16
5
4
3
2
PX
ON
Determining Proportional Period
Set pin 2 of the DIP switch to OFF to select a proportional period of
20 seconds. This is used when PID control is performed with the
relay output of the Temperature Controller, or when using an exter-
nal relay or contactor.
Control output
ON
OFF
20 seconds
ON
16
5
4
3
2
PX
ON
When a quick response is required, set pin 2 to ON to select a pro-
portional period of 2 seconds. Even when a solid-state relay (SSR)
is used, only set the 2-second proportional period where quick re-
sponse is essential. With a relay control output, a proportional peri-
od of 2 seconds will greatly reduce the service life of the relay.
Control output
ON
OFF
2 seconds
ON
16
5
4
3
2
PX
ON
Determining Control Output Operation
If the Temperature Controller is used to control a heater, the control
output can be set to perform reverse (inverted) operation. Set pin 3
of the control output mode selector switch to OFF.
Reverse output
ON
OFF
Set temperature
ON
16
5
4
3
2
PX
ON
Conversely, if the Temperature Controller is used to control a cool-
ing device such as a freezer, set pin 3 to ON.
Normal output
ON
OFF
Set temperature
ON
16
5
4
3
2
PX
ON
When power is first turned ON, the proportional band is set to 3%.
The optimum proportional band, however, is automatically calcu-
lated and set within the range 3% to 20%, according to the changes
in the temperature of the controlled system. This automatic adjust-
ment of the proportional band is possible regardless of whether the
controlled system is a heating or cooling system.
When the power is turned OFF once, and then ON again, the control
starts with the previous proportional band. A new proportional band,
however, is automatically calculated and set.
The calculation of the proportional band is not carried out, however,
if the temperature of the controlled system changes at a rate faster
than 7.5% of the full scale per 2 seconds (e.g., faster than 3.75
°C
per second with a full scale of 100
°C). In this case, the previously
calculated and set proportional band is used.
The Temperature Controller is provided with an overshoot preven-
tion function that suppresses the second overshoot and those that
follow to a level less than the initial overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com