Electronic Components Datasheet Search
  English  ▼

X  

E5CS-X Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5CS-X
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-X Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5CS-X Datasheet HTML 1Page - Omron Electronics LLC E5CS-X Datasheet HTML 2Page - Omron Electronics LLC E5CS-X Datasheet HTML 3Page - Omron Electronics LLC E5CS-X Datasheet HTML 4Page - Omron Electronics LLC E5CS-X Datasheet HTML 5Page - Omron Electronics LLC E5CS-X Datasheet HTML 6Page - Omron Electronics LLC E5CS-X Datasheet HTML 7Page - Omron Electronics LLC E5CS-X Datasheet HTML 8Page - Omron Electronics LLC E5CS-X Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E5CS-X
E5CS-X
5
Nomenclature
LED Deviation Indicators
n lights when the present tempera-
ture is higher than the set tempera-
ture, and
o lights when it is lower.
The
j indicator lights in green if
the deviation is within
±1% of the
full scale.
Mode Indicator
SP lights while the set temperature
is displayed on the main display,
and AL lights while an alarm value
is being displayed.
Protection Key
When program protection is selected
using the internal DIP switch, the
upward and downward setting keys
are locked.
However, authorized personnel may
change values using the upward and
downward setting keys by holding
down hidden protection key.
Main Display
Sequentially displays the present temperature, set
temperature, and an alarm value (in that order)
each time the temperature indication switching
(
) key is pressed.
Control Output Indicator
Lights while the control output is be-
ing produced.
Alarm Output Operation Indicator
Lights when the alarm output relay
is energized.
Upward Setting Key
When pressed, increases the set
temperature/alarm value.
Successively increases the
value when held down.
Downward Setting Key
When pressed, decreases the
set temperature/alarm value.
Successively decreases the
value when held down.
Temperature Indication Switching Key
Each time pressed, changes the value dis-
played on the main display in the following
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com