Electronic Components Datasheet Search
  English  ▼

X  

MIC2298 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2298
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2298 Datasheet HTML 3Page - Micrel Semiconductor MIC2298 Datasheet HTML 4Page - Micrel Semiconductor MIC2298 Datasheet HTML 5Page - Micrel Semiconductor MIC2298 Datasheet HTML 6Page - Micrel Semiconductor MIC2298 Datasheet HTML 7Page - Micrel Semiconductor MIC2298 Datasheet HTML 8Page - Micrel Semiconductor MIC2298 Datasheet HTML 9Page - Micrel Semiconductor MIC2298 Datasheet HTML 10Page - Micrel Semiconductor MIC2298 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
7
M9999-101707-B
Functional Description
The MIC2298 is a constant frequency, pulse-width-
modulated (PWM) peak current-mode step-up regulator.
The MIC2298 simplified control scheme is illustrated in
the block diagram in Figure 2. A reference voltage is fed
into the PWM engine where the duty cycle output of the
constant frequency PWM engine is computed from the
error, or difference, between the REF and FB voltages.
The PWM engine encompasses the necessary circuit
blocks to implement a current-mode boost switch-mode
power supply. The necessary circuit blocks include, but
are not limited to, a oscillator/ramp generator, slope
compensation ramp generator, gm error amplifier, current
amplifier, PWM comparator, and drive logic for the
internal 3.5A bipolar power transistor.
Inside the PWM engine, the oscillator functions as a
trigger for the PWM comparator that turns on the bipolar
power transistor and resets the slope compensation
ramp generator. The current amplifier is used to
measure the power transistor’s current by amplifying the
voltage signal from the CS+ and CS- inputs from the
sense resistor connected to the emitter of the bipolar
power transistor. The output of the current amplifier is
summed with the output of the slope compensation ramp
generator where the result is connected to one of the
inputs of the PWM comparator.
The gm error amplifier measures the white LED current
through the external sense resistor and amplifies the
error between the detected voltage signal from the
feedback, or FB pin and the internal reference voltage.
The output of the gm error amplifier provides the voltage
loop signal that is fed to the other input of the PWM
comparator. When the current loop signal exceeds the
voltage loop signal the PWM comparator turns off the
power transistor. The next oscillator/clock period initiates
the next switching cycle, maintaining the constant
frequency current-mode PWM control. The maximum
white LED current is set by the feedback resistor (the
resistor connected from the feedback pin to ground):
FB
LED
R
mV
I
200
=
The enable pin shuts down the output switching and
disables control circuitry to reduce input current-to-
leakage levels. Enable pin input current is zero at zero
volts.
DC-to-DC PWM Boost Conversion
The MIC2298 is a constant-frequency boost converter. It
operates by taking a DC input voltage and regulating a
DC output voltage. Figure 3 shows a typical circuit.
Boost regulation is achieved by turning on an internal
switch, which draws current through the inductor (L1).
When the switch turns off, the inductor’s magnetic field
collapses. This causes the current to be discharged into
the output capacitor through an external Schottky diode
(D1). Waveforms 4 and 5 show Input Voltage ripple,
Output Voltage ripple, SW Voltage, and Inductor Current
for 900mA LED current. Regulation is achieved by
modulating the pulse width i.e., pulse-width modulation
(PWM).
Figure 3. Typical Application Circuit
Duty Cycle Considerations
Duty cycle refers to the switch on-to-off time ratio and
can be calculated as follows for a boost regulator:
out
in
V
V
D
−
= 1
However, at light loads the inductor will completely
discharge before the end of a switching cycle. The
current in the inductor reaches 0A before the end of the
switching cycle. This is known as discontinuous
conduction mode (DCM). DCM occurs when:
2
peak
out
in
out
I
V
V
I
⋅
<
Where
(
)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
⋅
−
=
out
in
in
out
peak
V
V
f
L
V
V
I
In DCM, the duty cycle is smaller than in continuous
conduction mode. In DCM the duty cycle is given by:
in
in
out
out
V
V
V
I
L
f
D
)
(
2
−
⋅
⋅
⋅
⋅
=
The duty cycle required for voltage conversion should be
less than the maximum duty cycle of 95%. Also, in light
load conditions where the input voltage is close to the
output voltage, the minimum duty cycle can cause pulse
skipping. This is due to the energy stored in the inductor
causing the output to slightly overshoot the regulated
output voltage. During the next cycle, the error amplifier
detects the output as being high and skips the following
pulse. This effect can be reduced by increasing the
minimum load or by increasing the inductor value.
Increasing the inductor value also reduces the peak
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com