Electronic Components Datasheet Search
  English  ▼

X  

MIC2298 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2298
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2298 Datasheet HTML 5Page - Micrel Semiconductor MIC2298 Datasheet HTML 6Page - Micrel Semiconductor MIC2298 Datasheet HTML 7Page - Micrel Semiconductor MIC2298 Datasheet HTML 8Page - Micrel Semiconductor MIC2298 Datasheet HTML 9Page - Micrel Semiconductor MIC2298 Datasheet HTML 10Page - Micrel Semiconductor MIC2298 Datasheet HTML 11Page - Micrel Semiconductor MIC2298 Datasheet HTML 12Page - Micrel Semiconductor MIC2298 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
11
M9999-101707-B
Application Information
Grounding
Both the AGND and PGND must be connected to the
exposed backside pad. The exposed backside pad also
improves thermal performance. A large ground plane
decreases thermal resistance to ambient air.
Thermal Considerations and the SOA
The SOA (safe operating area) of the MIC2298 is shown
in the typical characteristics sub-section. This graph
represents the maximum continuous output power
capability of the part when used in the evaluation board
layout. An alternative layout with more copper area for
heat sinking will increase the area under the SOA curve.
Note that the SOA is for continuous power and not peak
power and is effectively a thermal limitation. The SOA is
true for a time constant of approximately >1 second.
Therefore, any load transient with a period of < 3s can
exceed the SOA curve power up to a maximum limited
by the current limit of the MIC2298. Figure 8 shows the
theoretical output current limit of the MIC2298 using the
Evaluation Board inductor value of 4.7µH.
Figure 8. Peak Output Current vs. VOUT
If our load is within these limits, it is possible to drive the
load at some repetition rate or duty cycle (DC). This is
allowed as long as we limit the RMS current to below the
SOA limit.
The RMS current for a pulsed current is known to be
(
)
DC
PK
PK
RMS
I
DC
I
I
+
⋅
=
−
where the current pulse IPK-PK
sits on a DC level of IDC.
This simplifies to
DC
I
I
PK
RMS
⋅
=
when there is no DC
level.
The graph in Figure 9 shows the peak LED current
which can be pulsed at a given duty cycle (DC) to stay
within SOA limits of 400mA to 700mA.
Figure 9. Duty Cycle vs. Peak Current
for Fixed RMS Current
Example
Two series connected high brightness white LEDs with a
Vf max of 4.2V and peak current of 800mA require
pulses of 300ms at 3 second intervals. Power source is
a Li-ion cell of 3v min.
•
Looking at the SOA curves (Page 4, Max DC
LED
Current),
these
cannot
be
driven
continuously.
•
The time constant of the driver is < 3 seconds,
so one can look at the peak current capability of
the driver in Figure 8.
•
Looking at Figure 8, the MIC2298 can achieve
more than the required 800mA peak current at
8.4V.
•
Reading from the SOA curve in the typical
characteristics sub-section (Page 4, Max DC
LED Current), the MIC2298 at 3V, 50
oC and
8.4V output voltage, can provide 580mA RMS.
•
Now looking at the curve in Figure 9, using the
next lower value of 500mA RMS current, one
can see that the 850mA peak can be driven at a
duty cycle of ~33% (or 1 second out of every 3
seconds). That is well within our target of
300ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com